Electronic Components Datasheet Search
  English  ▼

X  

BL011 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BL011
Description  5-4000 MHz Wideband Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BL011 Datasheet(HTML) 1 Page - BeRex Corporation

  BL011 Datasheet HTML 1Page - BeRex Corporation BL011 Datasheet HTML 2Page - BeRex Corporation BL011 Datasheet HTML 3Page - BeRex Corporation BL011 Datasheet HTML 4Page - BeRex Corporation BL011 Datasheet HTML 5Page - BeRex Corporation BL011 Datasheet HTML 6Page - BeRex Corporation BL011 Datasheet HTML 7Page - BeRex Corporation BL011 Datasheet HTML 8Page - BeRex Corporation BL011 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BeRex
BL011
http: //www.berex.com
5-4000 MHz Wideband Low Noise Amplifier
Device Features
 NF 0.91dB@900MHz at RF connectors of Demo board
 22dB Gain at 900MHz, 17dB Gain at 1900MHz
 36dBm OIP3, 20.5dBm P1dB at 1900MHz @ 5V, 75mA
 5V Single supply, MTTF > 100 Years
 Highly Reliable GaAs E-PHEMT Technology
 Lead-free/Green/RoHS compliant SOT89 package
Application: commercial, space, military wireless system
*BL011B is the same as BL011
Electrical Specifications (Ta = 25C, Vs = 5V)
Parameters
Test Conditions
Min
Typ
Max
Unit
Frequency Range
5
4000
MHz
Gain
900MHz
1900MHz
2140MHz
2450MHz
3500MHz
21.0
16.0
15.5
14.5
12.0
22.0
17.0
16.5
15.5
13.0
23.0
18.0
17.5
16.5
15.0
dB
S11
900MHz
1900MHz
2140MHz
2450MHz
3500MHz
-19.0
-24.0
-24.0
-19.5
-18.0
dB
S22
900MHz
1900MHz
2140MHz
2450MHz
3500MHz
-15.0
-15.5
-21.5
-15.5
-15.0
dB
OIP3
900MHz
1900MHz
2140MHz
2450MHz
3500MHz
31.5
34.0
33.5
36.0
34.0
33.5
36.0
35.5
38.0
36.0
dBm
P1dB
900MHz
1900MHz
2140MHz
2450MHz
3500MHz
19.5
19.5
19.5
19.0
17.0
20.5
20.5
20.5
20.0
18.0
dBm
NF
900MHz
1900MHz
2140MHz
2450MHz
3500MHz
0.91
1.13
1.17
1.30
1.56
dB
Id
Supply voltage = 5V, Rbias = 13 ohm
65
75
90
mA
Rth
Thermal Resistance
43
C/W
Test conditions unless otherwise noted.
1.
Device performance is measured on BeRex evaluation board at 25C, 50 ohm system.
2.
OIP3 measured with two tones at an output power of 5dBm/tone separated by 1MHz


Similar Part No. - BL011

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL011 BEREX-BL011 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_14 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
More results

Similar Description - BL011

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL051 BEREX-BL051 Datasheet
720Kb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081 Datasheet
737Kb / 12P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL051 BEREX-BL051_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_1 Datasheet
1Mb / 15P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_14 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_15 Datasheet
1Mb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_18 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_18 Datasheet
1Mb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL082 BEREX-BL082_18 Datasheet
1Mb / 26P
5-4000 MHz Wideband Low Nosie Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com