Electronic Components Datasheet Search
  English  ▼

X  

BL011 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BL011
Description  5-4000 MHz Wideband Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BL011 Datasheet(HTML) 3 Page - BeRex Corporation

  BL011 Datasheet HTML 1Page - BeRex Corporation BL011 Datasheet HTML 2Page - BeRex Corporation BL011 Datasheet HTML 3Page - BeRex Corporation BL011 Datasheet HTML 4Page - BeRex Corporation BL011 Datasheet HTML 5Page - BeRex Corporation BL011 Datasheet HTML 6Page - BeRex Corporation BL011 Datasheet HTML 7Page - BeRex Corporation BL011 Datasheet HTML 8Page - BeRex Corporation BL011 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BeRex
BL011
http: //www.berex.com
Typical Device Data
S-parameters (Vd =5.0V, Id=75mA, T=25C)
S-Parameter
(5.0V/75mA)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.394
-32.668
20.271
164.806
0.030
9.568
0.135
-29.347
500
0.431
-92.314
16.433
130.319
0.032
11.743
0.156
-6.174
1000
0.454
-141.505
11.810
98.232
0.039
16.118
0.206
-15.572
1500
0.455
178.736
8.990
73.537
0.046
12.886
0.229
-17.502
2000
0.518
143.413
7.118
54.527
0.051
7.508
0.255
-15.050
2500
0.631
120.153
5.709
34.979
0.056
0.061
0.303
-21.818
3000
0.723
105.634
4.566
19.308
0.066
-7.947
0.346
-42.248
3500
0.761
92.601
3.693
6.841
0.063
-20.854
0.403
-70.796
4000
0.772
74.726
3.014
-9.896
0.073
-31.161
0.499
-100.140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com