Electronic Components Datasheet Search
  English  ▼

X  

BL051 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BL051
Description  5-4000 MHz Wideband Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BL051 Datasheet(HTML) 3 Page - BeRex Corporation

  BL051 Datasheet HTML 1Page - BeRex Corporation BL051 Datasheet HTML 2Page - BeRex Corporation BL051 Datasheet HTML 3Page - BeRex Corporation BL051 Datasheet HTML 4Page - BeRex Corporation BL051 Datasheet HTML 5Page - BeRex Corporation BL051 Datasheet HTML 6Page - BeRex Corporation BL051 Datasheet HTML 7Page - BeRex Corporation BL051 Datasheet HTML 8Page - BeRex Corporation BL051 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BeRex
BL051
http: //www.berex.com
Typical Device Data
S-parameters (Vdevice=5V, Ids=48mA, Ta=25C)
S-Parameter
(5V/48mA)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.432
-23.546
18.428
162.342
0.032
12.662
0.230
-12.408
500
0.339
-64.094
12.907
122.963
0.038
31.883
0.316
-8.360
1000
0.245
-92.179
8.226
95.114
0.057
43.556
0.396
-32.581
1500
0.153
-112.501
6.008
74.810
0.080
42.095
0.401
-50.839
2000
0.083
-171.662
4.811
58.294
0.102
36.535
0.341
-65.753
2500
0.150
128.339
3.906
44.067
0.125
29.791
0.261
-80.248
3000
0.235
15.431
3.325
31.484
0.152
22.486
0.220
-98.979
3500
0.279
112.352
2.942
20.295
0.174
13.449
0.250
-125.159
4000
0.271
107.520
2.619
7.406
0.270
6.301
0.311
-146.330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com