Electronic Components Datasheet Search
  English  ▼

X  

BL051 Datasheet(PDF) 6 Page - BeRex Corporation

Part # BL051
Description  5-4000 MHz Wideband Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BL051 Datasheet(HTML) 6 Page - BeRex Corporation

Back Button BL051 Datasheet HTML 2Page - BeRex Corporation BL051 Datasheet HTML 3Page - BeRex Corporation BL051 Datasheet HTML 4Page - BeRex Corporation BL051 Datasheet HTML 5Page - BeRex Corporation BL051 Datasheet HTML 6Page - BeRex Corporation BL051 Datasheet HTML 7Page - BeRex Corporation BL051 Datasheet HTML 8Page - BeRex Corporation BL051 Datasheet HTML 9Page - BeRex Corporation BL051 Datasheet HTML 10Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BeRex
BL051
http: //www.berex.com
Application Circuit: 1900 MHz
Schematic Diagram
BOM
Tolerance
C1
10uF
± 20%
C2
1000pF
± 5%
C3
100pF
±5%
C4
22pF
± 5%
C5
22pF
± 5%
C6
0.5pF
± 5%
C7
0.75pF
±5%
L1
1.5nH
±5%
L2
56nH
±5%
L3
4.7nH
±5%
Noise Figure Temperature Performance
(Vds = 5.0V, Ids = 48.0mA)
Freq
MHz
900
1900
2140
2450
Temp
[°C]
-30
0.65
0.80
0.83
0.87
25
0.70
0.88
0.91
0.94
85
0.83
1.03
1.06
1.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com