Electronic Components Datasheet Search
  English  ▼

X  

BT09VG Datasheet(PDF) 7 Page - BeRex Corporation

Part # BT09VG
Description  5-4000 MHz Wideband Medium Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT09VG Datasheet(HTML) 7 Page - BeRex Corporation

Back Button BT09VG Datasheet HTML 3Page - BeRex Corporation BT09VG Datasheet HTML 4Page - BeRex Corporation BT09VG Datasheet HTML 5Page - BeRex Corporation BT09VG Datasheet HTML 6Page - BeRex Corporation BT09VG Datasheet HTML 7Page - BeRex Corporation BT09VG Datasheet HTML 8Page - BeRex Corporation BT09VG Datasheet HTML 9Page - BeRex Corporation BT09VG Datasheet HTML 10Page - BeRex Corporation BT09VG Datasheet HTML 11Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BeRex
BT09VG
http: //www.berex.com
Performance Variation with Supply Voltage
Application Circuit: 1900 MHz
Schematic Diagram
BOM
Tolerance
C1
100pF
±5%
C2
2.4pF
±5%
C3
2.7pF
±5%
C4
100pF
±5%
C5
1000pF
±5%
C6*
10uF
±20%
C7
1.2pF
±5%
C8
100pF
±5%
L1
39nH
5%
L2
1nH
2%
*Skipping C6 reduces device ruggedness.
20
21
22
23
24
4.5
5
5.5
6
Vc [V]
+25C
-30C
+85C
22
23
24
25
26
27
28
4.5
5
5.5
6
Vc [V]
+25C
- 30C
+85C
Po=16dBm
F1=900MHz, F2=901MHz
32
34
36
38
40
42
4.5
5
5.5
6
Vc [V]
+25C
- 30C
+85C
Po @ACPR=-45dBc
(900MHz, 9-Ch FWD,
885KHz offset, IS-95)
15
16
17
18
19
20
21
22
4.5
5
5.5
6
Vc [V]
+25C
- 30C
+85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com