Electronic Components Datasheet Search
  English  ▼

X  

BT09VG Datasheet(PDF) 8 Page - BeRex Corporation

Part # BT09VG
Description  5-4000 MHz Wideband Medium Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT09VG Datasheet(HTML) 8 Page - BeRex Corporation

Back Button BT09VG Datasheet HTML 4Page - BeRex Corporation BT09VG Datasheet HTML 5Page - BeRex Corporation BT09VG Datasheet HTML 6Page - BeRex Corporation BT09VG Datasheet HTML 7Page - BeRex Corporation BT09VG Datasheet HTML 8Page - BeRex Corporation BT09VG Datasheet HTML 9Page - BeRex Corporation BT09VG Datasheet HTML 10Page - BeRex Corporation BT09VG Datasheet HTML 11Page - BeRex Corporation BT09VG Datasheet HTML 12Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BeRex
BT09VG
http: //www.berex.com
Typical Performance
- 45
- 40
- 35
- 30
- 25
- 20
- 15
- 10
-5
0
1800
1850
1900
1950
2000
Freq [MHz]
+25C
-30C
+85C
- 55
- 50
- 45
- 40
- 35
- 30
- 25
- 20
- 15
- 10
-5
0
1800
1850
1900
1950
2000
Freq [MHz]
+25C
-30C
+85C
14
14.5
15
15.5
16
16.5
17
1800
1850
1900
1950
2000
Freq [MHz]
+25C
-30C
+85C
0
5
10
15
20
25
30
-5
0
5
10
15
Pin [dBm]
0
10
20
30
40
50
60
70
Po
G
PAE
F1=1900MHz, F2=1901MHz
35
37
39
41
43
45
10
12
14
16
18
20
Po, 2tone [dBm]
+25C
-30C
+85C
1900MHz, 885KHz offset
9-Ch FWD, IS-95
-80
-70
-60
-50
-40
-30
-20
-10
0
10
12
14
16
18
20
Po [dBm]
+25C
-30C
+85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com