Electronic Components Datasheet Search
  English  ▼

X  

BT301 Datasheet(PDF) 13 Page - BeRex Corporation

Part # BT301
Description  500-4000 MHz High Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT301 Datasheet(HTML) 13 Page - BeRex Corporation

Back Button BT301 Datasheet HTML 5Page - BeRex Corporation BT301 Datasheet HTML 6Page - BeRex Corporation BT301 Datasheet HTML 7Page - BeRex Corporation BT301 Datasheet HTML 8Page - BeRex Corporation BT301 Datasheet HTML 9Page - BeRex Corporation BT301 Datasheet HTML 10Page - BeRex Corporation BT301 Datasheet HTML 11Page - BeRex Corporation BT301 Datasheet HTML 12Page - BeRex Corporation BT301 Datasheet HTML 13Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
BeRex
BT301
Rev 100803
http: //www.berex.com
Suggested PCB Land Pattern and PAD Layout
PCB Land Pattern
PCB Mounting
1.3
2.0
2.0
Ø0.25
Ø0.45
Ø2.30
Ø0.86
Each CAD layout in the datasheet makes reference to the CAD file on BeRex website.
(Visit http://www.berex.com for PCB layout)
Lead plating finish
100% Tin Matte finish.
(All BeRex products undergoes a 1 hour, 150 degree C, Anneal bake to eliminate thin
whisker growth concerns)
MSL / ESD Rating
ESD Rating
Value
Test
Standard
MSL Rating
Standard
Class 1C
Passes <2000V
Human Body Model (HBM)
JEDEC Standard JESD22-A114B
Level 3 at +265
°C convection reflow
JEDEC Standard J-STD-020
NATO CAGE code:
NOTICE
BeRex Corporation reserves the right to make changes of product specification or to
discontinue product at any time without notice.
2
N
9
6
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com