Electronic Components Datasheet Search
  English  ▼

X  

BT301 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BT301
Description  500-4000 MHz High Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT301 Datasheet(HTML) 2 Page - BeRex Corporation

  BT301 Datasheet HTML 1Page - BeRex Corporation BT301 Datasheet HTML 2Page - BeRex Corporation BT301 Datasheet HTML 3Page - BeRex Corporation BT301 Datasheet HTML 4Page - BeRex Corporation BT301 Datasheet HTML 5Page - BeRex Corporation BT301 Datasheet HTML 6Page - BeRex Corporation BT301 Datasheet HTML 7Page - BeRex Corporation BT301 Datasheet HTML 8Page - BeRex Corporation BT301 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BeRex
BT301
Rev 100803
http: //www.berex.com
Absolute Maximum Ratings
Parameters
Rating
Operating Case temperature
-40 to +85
°C
Storage Temperature
-55 to +155
°C
Junction Temperature
+220
°C
Supply Voltage
6.0V
Max. Device Current
600mA
Input RF Power
28dBm above input P1dB
Operation of this device above any of these parameters may result in permanent damage.
Typical Device Data
S-parameters (Vc=5V, Ic=340mA, T=25
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com