Electronic Components Datasheet Search
  English  ▼

X  

BD23B Datasheet(PDF) 1 Page - BeRex Corporation

Part # BD23B
Description  Triple Band 2-Way SMT Power Divider 1900~2500MHz PCS, WCDMA & TD-SCDMA, WiBro
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD23B Datasheet(HTML) 1 Page - BeRex Corporation

  BD23B Datasheet HTML 1Page - BeRex Corporation BD23B Datasheet HTML 2Page - BeRex Corporation BD23B Datasheet HTML 3Page - BeRex Corporation BD23B Datasheet HTML 4Page - BeRex Corporation BD23B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BeRex
BD23B
http: //www.berex.com
Triple Band 2-Way SMT Power Divider
1900~2500MHz PCS, WCDMA & TD-SCDMA, WiBro
Device Features and Description
 25dB Typical Isolation
 0.4dB Typical Insertion Loss
 Small Size and Low Profile
 MSL 1 moisture rating
 Lead-free/Green/RoHS compliant package
Application: commercial, space, military wireless system
 Industry Standard SOIC-8 SMT Plastic Package with exposed back side ground pad
 Chip is fully passivated for enhanced performance and reliability
 Can be used without back side ground soldering
(This may degrade the performance at the high frequency edge. Refer to the following
typical test data)
Electrical specifications
Parameters
Unit
Min
Typ
Max
Frequency Range
MHz
1900
2500
Insertion Loss
dB
0.4
0.8
Isolation
dB
15
25
IRL(S11)
dB
-23
-15
ORL(S22,S33)
dB
-25
-15
Amplitude Balance
dB
0.05
0.2
Phase Balance
deg
1.0
2.0
All specifications apply with the following test conditions,
1.
Device performance is measured on BeRex evaluation board at 25C, 50 ohm system
2.
Insertion Loss: Above 3.0dB
3.
Back side ground was soldered
Absolute Maximum Ratings
Parameters
Rating
Input Power
1W CW
Storage Temperature
-55 to +155C
Operating Temperature
-40C to +85C
Operation of this device above any of these parameters may result in permanent damage.


Similar Part No. - BD23B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD23B BEREX-BD23B Datasheet
668Kb / 5P
Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B Datasheet
830Kb / 5P
Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B Datasheet
548Kb / 6P
Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_14 Datasheet
830Kb / 5P
Dual Band 2-Way SMT Power Divider
More results

Similar Description - BD23B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD19B BEREX-BD19B Datasheet
263Kb / 5P
Dual Band 2-Way SMT Power Divider 1700~2300MHz PCS, WCDMA & TD-SCDMA
BD1926 BEREX-BD1926 Datasheet
139Kb / 4P
Dual Band 2-Way SMT Power Divider 1700~2300MHz PCS, WCDMA & TD-SCDMA
BD2326 BEREX-BD2326 Datasheet
167Kb / 4P
Triple Band 2-Way SMT Power Divider 1900~2500MHz PCS, WCDMA & TD-SCDMA, WiBro
BD25B BEREX-BD25B Datasheet
271Kb / 5P
Quadruple Band 2-Way SMT Power Divider 1700~2500MHz USPCS & PCS, WCDMA & TD-SCDMA, WiBro
BD09B BEREX-BD09B_1 Datasheet
667Kb / 5P
Dedicated Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_1 Datasheet
662Kb / 5P
Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
Dual Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_14 Datasheet
829Kb / 5P
Dedicated Band 2-Way SMT Power Divider
BD2326 BEREX-BD2326_14 Datasheet
727Kb / 4P
Triple Band 2-Way SMT Power Divider
BD2326 BEREX-BD2326_18 Datasheet
488Kb / 5P
Triple Band 2-Way SMT Power Divider
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com