Electronic Components Datasheet Search
  English  ▼

X  

BD23B Datasheet(PDF) 3 Page - BeRex Corporation

Part # BD23B
Description  Triple Band 2-Way SMT Power Divider 1900~2500MHz PCS, WCDMA & TD-SCDMA, WiBro
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD23B Datasheet(HTML) 3 Page - BeRex Corporation

  BD23B Datasheet HTML 1Page - BeRex Corporation BD23B Datasheet HTML 2Page - BeRex Corporation BD23B Datasheet HTML 3Page - BeRex Corporation BD23B Datasheet HTML 4Page - BeRex Corporation BD23B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BeRex
BD23B
http: //www.berex.com
Insertion Loss vs. Frequency
Isolation vs. Frequency
IRL vs. Frequency
ORL vs. Frequency
Notes)
- BG: Data taken with backside ground soldering
- NBG: Data taken without backside ground soldering
-6
-5
-4
-3
-2
-1
0
1900
2100
2300
2500
Freq [MHz]
BG
NBG
-30
-25
-20
-15
-10
-5
0
1900
2100
2300
2500
Freq [MHz]
BG
NBG
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
1900
2100
2300
2500
Fre q [MHz]
BG
NBG
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
1900
2100
2300
2500
Fre q [MHz]
BG
NBG



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com