Electronic Components Datasheet Search
  English  ▼

X  

BD25B Datasheet(PDF) 1 Page - BeRex Corporation

Part # BD25B
Description  Quadruple Band 2-Way SMT Power Divider 1700~2500MHz USPCS & PCS, WCDMA & TD-SCDMA, WiBro
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD25B Datasheet(HTML) 1 Page - BeRex Corporation

  BD25B Datasheet HTML 1Page - BeRex Corporation BD25B Datasheet HTML 2Page - BeRex Corporation BD25B Datasheet HTML 3Page - BeRex Corporation BD25B Datasheet HTML 4Page - BeRex Corporation BD25B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BeRex
BD25B
http: //www.berex.com
Quadruple Band 2-Way SMT Power Divider
1700~2500MHz USPCS & PCS, WCDMA & TD-SCDMA, WiBro
Device Features and Description
 23dB Typical Isolation
 0.5dB Typical Insertion Loss
 Small Size and Low Profile
 MSL 1 moisture rating
 Lead-free/Green/RoHS compliant package
Application: commercial, space, military wireless system
 Industry Standard SOIC-8 SMT Plastic Package with exposed back side ground pad
 Chip is fully passivated for enhanced performance and reliability
 Can be used without back side ground soldering
(This may degrade the performance at the high frequency edge. Refer to the following
typical test data)
Electrical specifications
Parameters
Unit
Min
Typ
Max
Frequency Range
MHz
1700
2500
Insertion Loss
dB
0.5
0.8
Isolation
dB
15
23
IRL(S11)
dB
-20
-15
ORL(S22,S33)
dB
-23
-15
Amplitude Balance
dB
0.05
0.2
Phase Balance
deg
1.0
2.0
All specifications apply with the following test conditions,
1.
Device performance is measured on BeRex evaluation board at 25C, 50 ohm system
2.
Insertion Loss: Above 3.0dB
3.
Back side ground was soldered
Absolute Maximum Ratings
Parameters
Rating
Input Power
1W CW
Storage Temperature
-55 to +155C
Operating Temperature
-40C to +85C
Operation of this device above any of these parameters may result in permanent damage.
Function Block Diagram


Similar Part No. - BD25B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD25B BEREX-BD25B Datasheet
677Kb / 5P
Quadruple Band 2-Way SMT Power Divider
BD25B BEREX-BD25B Datasheet
840Kb / 5P
Quadruple Band 2-Way SMT Power Divider
BD25B BEREX-BD25B Datasheet
558Kb / 6P
Quadruple Band 2-Way SMT Power Divider
BD25B BEREX-BD25B_1 Datasheet
677Kb / 5P
Quadruple Band 2-Way SMT Power Divider
BD25B BEREX-BD25B_14 Datasheet
840Kb / 5P
Quadruple Band 2-Way SMT Power Divider
More results

Similar Description - BD25B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD19B BEREX-BD19B Datasheet
263Kb / 5P
Dual Band 2-Way SMT Power Divider 1700~2300MHz PCS, WCDMA & TD-SCDMA
BD1926 BEREX-BD1926 Datasheet
139Kb / 4P
Dual Band 2-Way SMT Power Divider 1700~2300MHz PCS, WCDMA & TD-SCDMA
BD23B BEREX-BD23B Datasheet
264Kb / 5P
Triple Band 2-Way SMT Power Divider 1900~2500MHz PCS, WCDMA & TD-SCDMA, WiBro
BD2326 BEREX-BD2326 Datasheet
167Kb / 4P
Triple Band 2-Way SMT Power Divider 1900~2500MHz PCS, WCDMA & TD-SCDMA, WiBro
BD09B BEREX-BD09B_1 Datasheet
667Kb / 5P
Dedicated Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_1 Datasheet
662Kb / 5P
Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
Dual Band 2-Way SMT Power Divider
BD25B BEREX-BD25B_1 Datasheet
677Kb / 5P
Quadruple Band 2-Way SMT Power Divider
BD25B BEREX-BD25B_14 Datasheet
840Kb / 5P
Quadruple Band 2-Way SMT Power Divider
BD25B BEREX-BD25B_18 Datasheet
558Kb / 6P
Quadruple Band 2-Way SMT Power Divider
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com