Electronic Components Datasheet Search
  English  ▼

X  

BD25B Datasheet(PDF) 5 Page - BeRex Corporation

Part # BD25B
Description  Quadruple Band 2-Way SMT Power Divider 1700~2500MHz USPCS & PCS, WCDMA & TD-SCDMA, WiBro
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD25B Datasheet(HTML) 5 Page - BeRex Corporation

  BD25B Datasheet HTML 1Page - BeRex Corporation BD25B Datasheet HTML 2Page - BeRex Corporation BD25B Datasheet HTML 3Page - BeRex Corporation BD25B Datasheet HTML 4Page - BeRex Corporation BD25B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BeRex
BD25B
http: //www.berex.com
Suggested PCB Land Pattern and PAD Layout
PCB Land Pattern
PCB Mounting
0.018"(0.45)
0.047"(1.20)
0.076"(1.92)
0.157"(3.98)
0.198"(5.02)
0.030"(0.76)
0.040"(1.01)
RF Out1
RF Out2
Visit http://www.berex.com for PCB layout
Tape & Reel
Packaging information:
SOIC8
SOIC8-Part orientation
Direction of feed
Tape Width (mm): 12
Reel Size (inches): 7
Device Cavity Pitch (mm): 8
Devices Per Reel: 1000
Lead plating finish
100% Tin Matte finish.
(All BeRex products undergoes a 1 hour, 150 degree C, Anneal bake to eliminate thin
whisker growth concerns)
MSL / ESD Rating
MSL Rating:
Standard:
Level 3 at +265C convection reflow
JEDEC Standard J-STD-020
NATO CAGE code:
NOTICE
BeRex Corporation reserves the right to make changes of product specification or to
discontinue product at any time without notice.
2
N
9
6
F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com