Electronic Components Datasheet Search
  English  ▼

X  

SN65LVEL11 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVEL11
Description  3.3 V ECL 1:2 Fanout Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVEL11 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVEL11 Datasheet HTML 2Page - Texas Instruments SN65LVEL11 Datasheet HTML 3Page - Texas Instruments SN65LVEL11 Datasheet HTML 4Page - Texas Instruments SN65LVEL11 Datasheet HTML 5Page - Texas Instruments SN65LVEL11 Datasheet HTML 6Page - Texas Instruments SN65LVEL11 Datasheet HTML 7Page - Texas Instruments SN65LVEL11 Datasheet HTML 8Page - Texas Instruments SN65LVEL11 Datasheet HTML 9Page - Texas Instruments SN65LVEL11 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
0
100
200
300
400
500
600
700
800
900
1000
0
500 1000 1500 2000 2500 3000 3500 4000 4500
f-Frequency-MHz
V
=3.3V,
V
=0V
CC
EE
T =-40°C
A
T =85°C
A
T =25°C
A
SN65LVEL11
SLLS927 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
Figure 6. Output Amplitude vs Frequency
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65LVEL11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com