Electronic Components Datasheet Search
  English  ▼

X  

SN65LVEL11 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVEL11
Description  3.3 V ECL 1:2 Fanout Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVEL11 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVEL11 Datasheet HTML 1Page - Texas Instruments SN65LVEL11 Datasheet HTML 2Page - Texas Instruments SN65LVEL11 Datasheet HTML 3Page - Texas Instruments SN65LVEL11 Datasheet HTML 4Page - Texas Instruments SN65LVEL11 Datasheet HTML 5Page - Texas Instruments SN65LVEL11 Datasheet HTML 6Page - Texas Instruments SN65LVEL11 Datasheet HTML 7Page - Texas Instruments SN65LVEL11 Datasheet HTML 8Page - Texas Instruments SN65LVEL11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
FEATURES
DESCRIPTION
PINOUT ASSIGNMENT
APPLICATIONS
1
8
2
7
3
6
4
5
Q
0
Q
0
Q
1
Q
1
V
CC
D
D
V
EE
SN65LVEL11
www.ti.com............................................................................................................................................................................................ SLLS927 – DECEMBER 2008
3.3 V ECL 1:2 Fanout Buffer
• 1:2 ECL Fanout Buffer
• Operating Range
The SN65LVEL11 is a fully differential 1:2 ECL fanout
buffer. The device includes circuitry to maintain a
–
PECL VCC = 3.0 V to 3.8 V With
known logic level when inputs are in open condition.
VEE = 0 V
The
SN65LVEL11
is
functionally
equivalent
to
–
NECL: VCC = 0 V with VEE = –3.0
SN65EL11
with
improved
performance.
The
to –3.8V
SN65LVEL11 is housed in an industry standard
SOIC-8
package
and
is
also
available
in
the
• 5 ps Skew Between Outputs
TSSOP-8 package option.
• Support for Clock Frequencies > 2.0 GHz
• 265 ps Typical Propagation Delay
• Deterministic Output Value for Open Input
Conditions or When Inputs = VEE
• Built-in Temperature Compensation
• Drop in Compatible to MC10LVEL11,
MC100LVEL11
• Built-In Input Pull Down Resistors
• Data and Clock Transmission Over Backplane
• Signaling Level Conversion
Table 1. Pin Description
PIN
FUNCTION
D, D
PECL/ECL data inputs
Q0, Q0, Q1, Q1
PECL/ECL outputs
VCC
Positive supply
VEE
Negative supply
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PACKAGE
LEAD FINISH
SN65LVEL11D
SN65LVEL11
SOIC
NiPdAu
SN65LVEL11DGK
SN65LVEL11
SOIC-TSSOP
NiPdAu
(1)
Leaded device options not initially available. Contact TI sales representative for further details.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVEL11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVEL11 TI-SN65LVEL11 Datasheet
438Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11 Datasheet
405Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11 Datasheet
404Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI2-SN65LVEL11 Datasheet
561Kb / 18P
3.3 V ECL 1:2 Fanout Buffer
DECEMBER 2008
SN65LVEL11D TI-SN65LVEL11D Datasheet
438Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
More results

Similar Description - SN65LVEL11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVEL11 TI-SN65LVEL11 Datasheet
438Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_09 Datasheet
405Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_10 Datasheet
404Kb / 12P
3.3 V ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
ON Semiconductor
MC10EL11 ONSEMI-MC10EL11_16 Datasheet
166Kb / 8P
5.0V ECL 1:2 Differential Fanout Buffer
July, 2016??Rev. 11
MC100LVE310 ONSEMI-MC100LVE310_16 Datasheet
158Kb / 7P
3.3 V ECL 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 6
MC100LVEL37 ONSEMI-MC100LVEL37_16 Datasheet
152Kb / 7P
3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com