Electronic Components Datasheet Search
  English  ▼

X  

AP5726 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP5726
Description  WHITE LED STEP-UP CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5726 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP5726 Datasheet HTML 6Page - Diodes Incorporated AP5726 Datasheet HTML 7Page - Diodes Incorporated AP5726 Datasheet HTML 8Page - Diodes Incorporated AP5726 Datasheet HTML 9Page - Diodes Incorporated AP5726 Datasheet HTML 10Page - Diodes Incorporated AP5726 Datasheet HTML 11Page - Diodes Incorporated AP5726 Datasheet HTML 12Page - Diodes Incorporated AP5726 Datasheet HTML 13Page - Diodes Incorporated AP5726 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AP5726
WHITE LED STEP-UP CONVERTER
AP5726
Document number: DS31845 Rev. 3 - 2
10 of 17
www.diodes.com
July 2010
© Diodes Incorporated
Applications Information (Continued)
Open-Circuit Protection
In the cases of output open circuit, when the LEDs are disconnected from the circuit or the LEDs fail, the
feedback voltage will be zero. The AP5726 will then switch at a high duty cycle resulting in a high output voltage,
which may cause the SW and OVP pin voltage to exceed the voltage rating of these pins. The OVP pin monitors
the output voltage. If the output voltage reaches the over voltage protection threshold at the OVP pin (Figure 2),
the over voltage protection is activated and SW pin stops switching.
V
IN
SW
EN
GND
FB
AP5726
C
OUT
1uF
RSET
15
L1
22uH
D1
V
IN
CIN
1uF
OVP
x
x
Figure 2. LED Driver with Open-Circuit Protection
Dimming Control
There are four different types of dimming control circuits:
1. Using a PWM Signal to EN Pin
With the PWM signal applied to the EN pin, the AP5726 is turned on or off by the PWM signal. The LEDs operate
at either zero or full current. The average LED current increases proportionally with the duty cycle of the PWM
signal. A 0% duty cycle will turn off the AP5726 and corresponds to zero LED current.
A 100% duty cycle
corresponds to full current. The typical frequency range of the PWM signal is below 2kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com