Electronic Components Datasheet Search
  English  ▼

X  

AP5726 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP5726
Description  WHITE LED STEP-UP CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5726 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP5726 Datasheet HTML 8Page - Diodes Incorporated AP5726 Datasheet HTML 9Page - Diodes Incorporated AP5726 Datasheet HTML 10Page - Diodes Incorporated AP5726 Datasheet HTML 11Page - Diodes Incorporated AP5726 Datasheet HTML 12Page - Diodes Incorporated AP5726 Datasheet HTML 13Page - Diodes Incorporated AP5726 Datasheet HTML 14Page - Diodes Incorporated AP5726 Datasheet HTML 15Page - Diodes Incorporated AP5726 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AP5726
WHITE LED STEP-UP CONVERTER
AP5726
Document number: DS31845 Rev. 3 - 2
12 of 17
www.diodes.com
July 2010
© Diodes Incorporated
Applications Information (Continued)
D4
LED
D3
LED
VOUT
D5
LED
D2
LED
C2
1uF
L1
22uH
C1
1uF
R1
15ohm
VIN
D7
LED
ON
OFF
U1
AP5726
1
2
3
6
4
5
SW
GND
FB
Vin
EN
OVP
D6
LED
D1
B0540WS
Table 2. Suggested Inductors
Vendor
Inductors
(uH)
Current Rating
(A)
Type
Dimensions
(mm)
Series
Wurth Electronics
22
0.51A
SMD
3.8X 3.8 X 1.6
744031220
GOTREND
22
0.56A
SMD
3.8 X 3.8 X 1.05
GLP3810PH220N
TAIYO YUDRN
22
0.51A
SMD
4.0 X 4.0 X 1.25
NR4012
Table 3. Suggested Capacitors for CIN and COUT
Vendor
Capacitance
Type
Series
TAIYO YUDEN
1uF
SMD
TMK212 B7105MG-T
Table 4. Suggested Diodes
Vendor
Rating
Type
Series
ZETEX
40V/0.5A
SOD323
ZLLS400
DIODES
40V/0.5A
SOD323
B0540WS
DIODES
40V/0.25A
SOD523
SDM20U40
Table 5. Suggested Resistor
Vendor
Type
Series
YAGEO
SMD
FR-SK
Table 6. Suggested W-LED
Vendor
Type
Series
LITEON
SMD
LTW-C1911UC5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com