Electronic Components Datasheet Search
  English  ▼

X  

SC820 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 1 Page - Semtech Corporation

  SC820_1 Datasheet HTML 1Page - Semtech Corporation SC820_1 Datasheet HTML 2Page - Semtech Corporation SC820_1 Datasheet HTML 3Page - Semtech Corporation SC820_1 Datasheet HTML 4Page - Semtech Corporation SC820_1 Datasheet HTML 5Page - Semtech Corporation SC820_1 Datasheet HTML 6Page - Semtech Corporation SC820_1 Datasheet HTML 7Page - Semtech Corporation SC820_1 Datasheet HTML 8Page - Semtech Corporation SC820_1 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2009 Semtech Corporation
POWER MANAGEMENT
1
SC820
Adapter/USB Dual Input
Single-cell Li-ion Charger
Features
Input voltage protection — 30V
Adapter input automatically selected over USB
Constant voltage — 4.2V, 1% regulation
Charging by current and voltage regulation (CC/CV)
Thermal limiting of charge current
Programmable battery-dependent currents (adapter-
sourced fast-charge & pre-charge, termination)
Programmable source-limited currents (USB-sourced
fast-charge & pre-charge)
Current-limited adapter support — reduces power dis-
sipation in charger IC
USB input limits charge current — prevents Vbus
overload
Instantaneous CC-to-CV transition for faster charging
Three termination options — float-charge, automatic
re-charge, or forced re-charge to keep the battery
topped-off after termination without float-charging
Soft-start — reduces load transients
High operating voltage range — permits use of
unregulated adapters
Complies with CCSA YD/T 1591-2006
Space saving 2×2×0.6 (mm) MLPD package
Pb free, Halogen free, and RoHS/WEEE compliant
Applications
Mobile phones
MP3 players
GPS handheld receivers
Description
The SC820 is a dual input (adapter/USB) linear single-cell
Li-ion battery charger in an 8 lead 2×2mm MLPD ultra-thin
package. Both inputs will survive sustained input voltage
up to 30V to protect against hot plug overshoot and faulty
charging adapters.
Charging begins automatically when a valid input source
is applied to either input. The adapter input is selected
when both input sources are present.
Thermal limiting protects the SC820 from excessive power
dissipation when charging from either source. The SC820
can be programmed to turn off when charging is complete
or to continue operating as an LDO regulator while float-
charging the battery.
The adapter input charges with an adapter operating in
voltage regulation or in current limit to obtain the lowest
possible power dissipation by pulling the VAD input
voltage down to the battery voltage. The VUSB input
dynamically limits load current to automatically prevent
over-loading the USB Vbus supply.
Charge current programming requires two resistors. One
determines battery-capacity dependent currents: adapter
input fast-charge current, pre-charge current, and charge
termination current. The other independently determines
input-limited USB charging currents: USB input fast-
charge and pre-charge current.
Device
Load
Battery
Pack
2.2
μF
USB Vbus
2.2
μF
VADAPTER
2.2
μF
IPUSB
IPRGM
VUSB
SC820
GND
STATB
ENB
BAT
VAD
Typical Application Circuit
September 17, 2009


Similar Part No. - SC820_1

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SC8200 SAMHOP-SC8200 Datasheet
99Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Silan Microelectronics ...
SC8201 SILAN-SC8201 Datasheet
565Kb / 9P
ONE-CELL LI BATTERY PROTECTION CIRCUIT
SC8204 SILAN-SC8204 Datasheet
215Kb / 9P
FAN REMTORE CONTROL DECODER
SC8204A4F SILAN-SC8204A4F Datasheet
215Kb / 9P
FAN REMTORE CONTROL DECODER
SC8204A4FL SILAN-SC8204A4FL Datasheet
215Kb / 9P
FAN REMTORE CONTROL DECODER
More results

Similar Description - SC820_1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC810 SEMTECH-SC810 Datasheet
298Kb / 19P
Single Input/Single Mode Single-cell Li-ion Charger
SC811 SEMTECH-SC811 Datasheet
373Kb / 23P
Adapter/USB Tri-Mode Single-cell Li-ion Charger
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
Adapter/USB Dual Input Single-cell Li-ion Charger
logo
Texas Instruments
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
Semtech Corporation
SC810 SEMTECH-SC810_1 Datasheet
320Kb / 20P
Single Input/Single Mode Single-cell Li-ion Charger
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
USB-Compliant Single-Cell Li-Ion Switching Charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com