Electronic Components Datasheet Search
  English  ▼

X  

SC820 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 3 Page - Semtech Corporation

  SC820_1 Datasheet HTML 1Page - Semtech Corporation SC820_1 Datasheet HTML 2Page - Semtech Corporation SC820_1 Datasheet HTML 3Page - Semtech Corporation SC820_1 Datasheet HTML 4Page - Semtech Corporation SC820_1 Datasheet HTML 5Page - Semtech Corporation SC820_1 Datasheet HTML 6Page - Semtech Corporation SC820_1 Datasheet HTML 7Page - Semtech Corporation SC820_1 Datasheet HTML 8Page - Semtech Corporation SC820_1 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SC820
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114D.
(2)
Operating Voltage is the input voltage at which the charger is guaranteed to begin operation. These ranges, VT
ADsel-R
Max to V
OVP-F
Min for the
VAD input, V
UVLR
Max to V
OVP-F
Min for the VUSB input, apply to charging sources operating in voltage regulation. Charging sources operating
in current limit may be pulled below these ranges by the charging load. Maximum operating voltage is the maximum Vsupply as defined in
EIA/JEDEC Standard No. 78, paragraph 2.11.
(3)
Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VAD and VUSB (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30.0
BAT, IPRGM, IPUSB (V) . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.5
STATB, ENB (V) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to V
BAT
+0.3
VAD Input Current (A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 . 5
VUSB Input Current (A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 . 5
BAT, IPRGM, IPUSB Short-to-GND Duration . . . . . Continuous
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Operating Ambient Temperature (°C) . . . . . . . . . -40 to +85
VAD Operating Voltage(2) (V). . . . . . . . . . . . . . . . 4.60 to 8.20
VUSB Operating Voltage(2) (V). . . . . . . . . . . . . . . 4.70 to 8.20
Thermal Information
Thermal Resistance, Junction to Ambient(3) (°C/W) . . . . . 68
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Test Conditions: V
VAD
= V
VUSB
= 4.75V to 5.25V; C
VAD
= C
VUSB
= C
BAT
= 2.2μF; V
BAT
= 3.7V; Typ values at 25°C; Min and Max at -40°C < T
A
< 85°C, unless
specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VAD Select Rising Threshold
VT
ADsel-R
4.30
4.45
4.60
V
VAD Deselect Falling Threshold (1)
VT
ADsel-F
V
VAD
> V
BAT
2.70
2.85
3.00
V
VUSB Select Rising Threshold
VT
USBsel-R
V
VUSB
> V
BAT
4.20
4.35
V
VUSB Deselect Falling Threshold
VT
USBsel-F
V
VUSB
> V
BAT
3.65
4.00
V
VUSB Select Hysteresis
VT
USBsel-H
VT
USBsel-R
- VT
USBsel-F
100
mV
OVP Rising Threshold
VT
OVP-R
VAD or VUSB input
9.6
V
OVP Falling Threshold
VT
OVP-F
VAD or VUSB input
8.2
V
OVP Hysteresis
VT
OVP-H
(VT
OVP-R
- VT
OVP-F
)50
mV
VAD Charging Disabled Quiescent
Current
Iq
VAD_DIS
V
VUSB
= 0V, V
ENB
= V
BAT
23
mA
VAD Charging Enabled Quiescent
Current
Iq
VAD_EN
V
VUSB
= 0V, V
ENB
= 0V,
excluding I
BAT
, I
IPRGM
, and I
IPUSB
23
mA
VUSB Charging Disabled Quiescent
Current
Iq
VUSB_DIS
V
VAD
= 0V; V
ENB
= V
BAT
23
mA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com