Electronic Components Datasheet Search
  English  ▼

X  

SC824EVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC824EVB
Description  Single-cell Li-Ion Charger Tri-Mode with Timer and NTC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC824EVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC824EVB Datasheet HTML 4Page - Semtech Corporation SC824EVB Datasheet HTML 5Page - Semtech Corporation SC824EVB Datasheet HTML 6Page - Semtech Corporation SC824EVB Datasheet HTML 7Page - Semtech Corporation SC824EVB Datasheet HTML 8Page - Semtech Corporation SC824EVB Datasheet HTML 9Page - Semtech Corporation SC824EVB Datasheet HTML 10Page - Semtech Corporation SC824EVB Datasheet HTML 11Page - Semtech Corporation SC824EVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
SC824
8
Typical Characteristics (continued)
I
PQ vs. RIPRGM; IFQ vs. RIPRGM, USB Low Power Mode
Charging Cycle Battery Voltage and Current
Pre-Charging Battery Voltage and Current
CC-to-CV Battery Voltage and Current
USB Low-Power Re-Charge Cycle
610
640
670
700
730
760
30
30.5
31
31.5
32
32.5
33
33.5
34
34.5
35
35.5
36
4.145
4.16
4.175
4.19
4.205
4.22
Time (min)
700mAhr battery, R
IPRGM = 2.94kΩ, VVIN = 5.0V, TA = 25
οC
V
BAT
I
BAT
0
50
100
150
200
250
6
7
8
9
10
11
12
13
14
3.75
3.85
3.95
4.05
4.15
4.25
Time (hrs)
700mAhr battery, R
IPRGM = 4.42kΩ, VVIN = 5.0V, Load = 10mA
V
BAT
I
BAT
0
100
200
300
400
500
600
700
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
0
1
2
3
4
5
6
7
Time (hrs)
700mAhr battery, R
IPRGM = 2.94kΩ, VVIN = 5.0V, TA = 25
οC, timer enabled
V
BAT
I
BAT
V
STAT1
0
100
200
300
400
500
600
700
800
0
1
2
34
5
6
78
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
Time (s)
700mAhr battery, R
IPRGM = 2.94kΩ, VVIN = 5.0V, TA = 25
οC
V
BAT
I
BAT
2
6
10
14
18
22
26
30
0
40
80
120
160
200
R
IPRGM (k
Ω)
V
VIN = 5V, VBAT = 3.7V, TA = 25
οC
Re-Charge Cycle BAT Pin Voltage and Current
0
100
200
300
400
500
56789
10
11
12
13
3.75
3.85
3.95
4.05
4.15
4.25
Time (hrs)
700mAhr battery, R
IPRGM = 2.94kΩ, VVIN = 5.0V, Load = 10mA
V
BAT
I
BAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com