Electronic Components Datasheet Search
  English  ▼

X  

SC824EVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC824EVB
Description  Single-cell Li-Ion Charger Tri-Mode with Timer and NTC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC824EVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC824EVB Datasheet HTML 1Page - Semtech Corporation SC824EVB Datasheet HTML 2Page - Semtech Corporation SC824EVB Datasheet HTML 3Page - Semtech Corporation SC824EVB Datasheet HTML 4Page - Semtech Corporation SC824EVB Datasheet HTML 5Page - Semtech Corporation SC824EVB Datasheet HTML 6Page - Semtech Corporation SC824EVB Datasheet HTML 7Page - Semtech Corporation SC824EVB Datasheet HTML 8Page - Semtech Corporation SC824EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
© 2009 Semtech Corporation
POWER MANAGEMENT
1
SC824
Single-cell Li-Ion Charger
Tri-Mode with Timer and NTC
Features
Single input 30V protected charger
Adapter, USB High, USB Low modes
Charging by current regulation, voltage regulation,
and thermal limiting
Programmable currents from 70mA to 1A
Fast-charge current regulation — 15% at 70mA,
9% at 700mA
Constant voltage — 4.2V, 1% regulation
Input voltage protection — 30V
Current-limited adapter support capability — reduces
power dissipation in charger IC
USB modes automatically reduce charge current if
needed to prevent USB Vbus overload
Instantaneous CC-to-CV transition for faster charging
Battery temperature NTC thermistor interface
Multi-stage charge timer for safety and alternative
termination, IEEE Std. 1725-2006 compliant
Termination on current or timer — first to occur
Soft-start reduces adapter or USB load transients
High operating voltage range permits use of
unregulated adapters
Complies with CCSA YD/T 1591-2006
High-current USB Dedicated Charger compatible
Ultra-thin 2×2×0.6 (mm) MLPD package
Lead-free and halogen-free
WEEE and RoHS compliant
Applications
Mobile phones
Personal Media Players
Personal Navigation Devices
Description
The SC824 is a single input triple mode (adapter/USB High,
USB Low) linear single-cell Li-Ion battery charger in a 10
lead 2×2 (mm) MLPD ultra-thin package.
Charging begins automatically when an input source is
applied to the charging input. The input is designed to
survive sustained input voltage up to 30V to protect
against hot plug overshoot and faulty charging adapters.
Thermal limiting protects the SC824 from excessive power
dissipation.
The SC824 provides three modes of charging: adapter
mode, USB low power mode, and USB high power mode.
Adapter mode charges up to 1A with the charging adapter
operating either in voltage regulation or in current limit to
obtain the lowest possible power dissipation. A single
current programming pin is used to program precharge
current, termination current, and fast-charge current in
fixed proportions. The USB modes provide low and high
power fast-charge currents. The two USB modes dynami-
cally limit the charging load if necessary to automatically
prevent overloading the USB Vbus supply.
The SC824 provides a battery NTC thermistor interface to
disable charging when the battery temperature exceeds
programmed thresholds. An optional programmable
multi-stage charge timer protects against a faulty battery,
or terminates charging on timeout if the system load is
too great to terminate charging on current. A 45 minute
top-off period following termination ensures a fully
charged battery. The monitor state restarts a charge cycle
if the battery discharges after the charger has turned off.
Device
Load
Battery
Pack
2.2μF
VADAPTER
2.2μF
RIPRGM
VIN
STAT0
IPRGM
MODE
GND
VSYS
EN_NTC
BAT
SC824
MODE SELECT
CPU GPIO
RTIME
STAT1
1μF
RNTC
Thermistor
RNPU
Typical Application Circuit
October 30, 2009


Similar Part No. - SC824EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
Adapter/USB Dual Input Single-cell Li-ion Charger
SC820 SEMTECH-SC820 Datasheet
367Kb / 22P
Adapter/USB Dual Input Single-cell Li-ion Charger
logo
SamHop Microelectronics...
SC8200 SAMHOP-SC8200 Datasheet
99Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Silan Microelectronics ...
SC8201 SILAN-SC8201 Datasheet
565Kb / 9P
ONE-CELL LI BATTERY PROTECTION CIRCUIT
SC8204 SILAN-SC8204 Datasheet
215Kb / 9P
FAN REMTORE CONTROL DECODER
More results

Similar Description - SC824EVB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Semtech Corporation
SC810 SEMTECH-SC810 Datasheet
298Kb / 19P
Single Input/Single Mode Single-cell Li-ion Charger
SC811 SEMTECH-SC811 Datasheet
373Kb / 23P
Adapter/USB Tri-Mode Single-cell Li-ion Charger
SC810 SEMTECH-SC810_1 Datasheet
320Kb / 20P
Single Input/Single Mode Single-cell Li-ion Charger
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
Single Cell Li-Ion and Li-Pol Battery Charger
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
Single-Cell Switched-Mode Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
Switch-Mode Single Cell Li-Ion Battery Charger
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
Switch-Mode Single Cell Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com