Electronic Components Datasheet Search
  English  ▼

X  

2SC5291 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5291
Description  High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5291 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5291 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5291 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5291 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5291 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5291
No.5282-2/4
ITR08047
IC -- VBE
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.4
0.8
1.2
1.6
VCE=5V
100
1000
10
ITR08048
hFE -- IC
35
3
72
0.1
7
35
2
0.01
72
1.0
2
3
5
7
5
7
2
3
VCE=5V
Ta=75°C
25°C
--25°C
ITR08045
ITR08046
IC -- VCE
012
3
4
5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
IB=0
50mA
40mA
30mA
20mA
10mA
5mA
2mA
1mA
IC -- VCE
010
20
30
40
50
0
0.2
0.4
0.6
0.8
1.0
IB=0
4.0mA
3.5mA
3.0mA
2.5mA
1.5mA
0.5mA
4.5mA
2.0mA
1.0mA
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
DC Current Gain
hFE1VCE=5V, IC=100mA
100
400
hFE2VCE=5V, IC=10mA
90
Gain-Bandwidth Product
fT
VCE=10V, IC=50mA
120
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
14
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=500mA, IB=50mA
0.13
0.45
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=500mA, IB=50mA
0.85
1.2
V
Turn-ON Time
ton
See specified Test Circuit
4.0
ns
Storage Time
tstg
See specified Test Circuit
1.2
µs
Fall Time
tf
See specified Test Circuit
8.0
ns
* : The 2SC5291 is classified by 100mA hFE as follows :
Rank
R
S
T
hFE
100 to 200 140 to 280 200 to 400
Switching Time Test Circuit
PW=20
µs
D.C.=
≤1%
INPUT
VCC=100V
50
Ω
RB
IB1
IB2
100
µF
470
µF
VBE= --5V
VR
+
+
RL
OUTPUT
10IB1=--10IB2=IC=700mA
RL=140Ω, RB=14Ω at IC=700mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com