Electronic Components Datasheet Search
  English  ▼

X  

2SC5291 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5291
Description  High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5291 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5291 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5291 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5291 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5291 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5291
No.5282-3/4
IC=1.5A
0
20
40
60
80
100
120
140
160
0
0.2
0.4
0.8
1.0
1.2
1.4
1.6
1.5
0.6
PC -- Ta
ITR08054
ITR08051
ITR08052
ITR08053
Forward Bias A S O
10ms
1.0
3
5
5
5
7
5
7
2
2
3
2
2
35
5
3
7
57
10
2
7 100
0.1
7
2
3
1.0
0.01
DC
operation
ITR08049
ITR08050
VCE(sat) -- IC
0.01
23
2
5
32
3
5
7
0.1
7
1.0
7
100
1000
5
3
3
5
7
7
2
2
3
2
IC / IB=10
Ta=75
°C
--25°C
25°C
VBE(sat) -- IC
0.01
23
2
5
32
3
5
7
0.1
7
1.0
7
1.0
10
5
3
3
5
7
7
2
IC / IB=10
Ta= --25
°C
25
°C
75°C
0.01
23
3
57
0.1
7
1.0
5
22
7
100
10
5
2
3
5
3
2
fT -- IC
VCE=10V
7
10
27
100
3
1
23
5
5
10
7
100
5
7
5
3
3
2
Cob -- VCB
f=1MHz
100ms
ICP=2.5A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Ambient Temperature, Ta --
°C
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Base Voltage, VCB -- V
Tc=25
°C
Single pulse
(For PNP, minus sign is omitted.)
(For PNP, minus sign is omitted.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com