Electronic Components Datasheet Search
  English  ▼

X  

SDT49 Datasheet(PDF) 3 Page - Sirectifier Global Corp.

Part # SDT49
Description  Thyristor-Diode Modules, Diode-Thyristor Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SDT49 Datasheet(HTML) 3 Page - Sirectifier Global Corp.

  SDT49 Datasheet HTML 1Page - Sirectifier Global Corp. SDT49 Datasheet HTML 2Page - Sirectifier Global Corp. SDT49 Datasheet HTML 3Page - Sirectifier Global Corp. SDT49 Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STD/SDT49
Thyristor-Diode Modules, Diode-Thyristor Modules
Fig. 1 Surge overload current
I
TSM, IFSM: Crest value, t: duration
Fig. 2 i2dt versus time (1-10 ms)
Fig. 2a Maximum forward current
at case temperature
Fig. 5 Three phase rectifier bridge: Power dissipation versus direct output current
and ambient temperature
100
101
102
103
104
0.1
1
10
I
G
V
G
mA
1: I
GT, TVJ = 125 C
2: I
GT, TVJ =
25 C
3: I
GT, TVJ = -40 C
V
4: P
GAV = 0.5 W
5: P
GM =
5 W
6: P
GM = 10 W
I
GD, TVJ = 125 C
3
4
2
1
5
6
Fig. 3
Power dissipation versus on-state current and ambient temperature
(per thyristor or diode)
Fig. 4 Gate trigger characteristics
10
100
1000
1
10
100
1000
mA
I
G
s
t
gd
Limit
typ.
T
VJ = 25 C
Fig. 6 Gate trigger delay time
3 x STD/SDT49



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com