Electronic Components Datasheet Search
  English  ▼

X  

SDT49 Datasheet(PDF) 4 Page - Sirectifier Global Corp.

Part # SDT49
Description  Thyristor-Diode Modules, Diode-Thyristor Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SDT49 Datasheet(HTML) 4 Page - Sirectifier Global Corp.

  SDT49 Datasheet HTML 1Page - Sirectifier Global Corp. SDT49 Datasheet HTML 2Page - Sirectifier Global Corp. SDT49 Datasheet HTML 3Page - Sirectifier Global Corp. SDT49 Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STD/SDT49
Thyristor-Diode Modules, Diode-Thyristor Modules
Fig. 7 Three phase AC-controller:
Power dissipation versus RMS
output current and ambient
temperature
Fig. 8 Transient thermal impedance
junction to case (per thyristor or
diode)
Fig. 9 Transient thermal impedance
junction to heatsink (per thyristor
or diode)
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.53
180
oC
0.55
120
oC
0.58
60
oC
0.6
30
oC
0.62
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.015
0.0035
2
0.026
0.02
3
0.489
0.195
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.73
180
oC
0.75
120
oC
0.78
60
oC
0.8
30
oC
0.82
Constants for Z
thJK calculation:
i
R
thi (K/W)
t
i (s)
1
0.015
0.0035
2
0.026
0.02
3
0.489
0.195
4
0.2
0.68
3 x STD/SDT49
STD/SDT49
STD/SDT49



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com