Electronic Components Datasheet Search
  English  ▼

X  

SC1453 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1453
Description  150mA Ultra Low Dropout Regulator with Low Noise Bypass
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1453 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1453 Datasheet HTML 1Page - Semtech Corporation SC1453 Datasheet HTML 2Page - Semtech Corporation SC1453 Datasheet HTML 3Page - Semtech Corporation SC1453 Datasheet HTML 4Page - Semtech Corporation SC1453 Datasheet HTML 5Page - Semtech Corporation SC1453 Datasheet HTML 6Page - Semtech Corporation SC1453 Datasheet HTML 7Page - Semtech Corporation SC1453 Datasheet HTML 8Page - Semtech Corporation SC1453 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1453
Notes:
(1) Only available in tape and reel packaging. A reel
contains 3000 devices.
(2) Lead free packaging (ordered with suffix extension
“TRT”) is optional. Consult factory for availability. This
product is fully WEEE and RoHS compliant.
(3) Evaluation board for SC1453. Specify output voltage
option when ordering.
e
g
a
k
c
a
Pn
o
i
t
p
O
e
g
a
t
l
o
V
)
V
(
r
e
b
m
u
N
t
r
a
P
5
-
3
2
-
T
O
S
)
1
(
5
.
1R
T
5
.
1
-
K
S
I
3
5
4
1
C
S
8
.
1R
T
8
.
1
-
K
S
I
3
5
4
1
C
S
5
.
2R
T
5
.
2
-
K
S
I
3
5
4
1
C
S
7
.
2R
T
7
.
2
-
K
S
I
3
5
4
1
C
S
8
.
2R
T
8
.
2
-
K
S
I
3
5
4
1
C
S
9
.
2R
T
9
.
2
-
K
S
I
3
5
4
1
C
S
0
.
3R
T
0
.
3
-
K
S
I
3
5
4
1
C
S
1
.
3R
T
1
.
3
-
K
S
I
3
5
4
1
C
S
2
.
3R
T
2
.
3
-
K
S
I
3
5
4
1
C
S
3
.
3R
T
3
.
3
-
K
S
I
3
5
4
1
C
S
e
e
r
f
-
d
a
e
L
5
-
3
2
-
T
O
S
)
2
(
)
1
(
5
.
1T
R
T
5
.
1
K
S
I
3
5
4
1
C
S
8
.
1T
R
T
8
1
K
S
I
3
5
4
1
C
S
5
.
2T
R
T
5
.
2
K
S
I
3
5
4
1
C
S
7
.
2T
R
T
7
.
2
K
S
I
3
5
4
1
C
S
8
.
2T
R
T
8
.
2
K
S
I
3
5
4
1
C
S
9
.
2T
R
T
9
.
2
K
S
I
3
5
4
1
C
S
0
.
3T
R
T
0
.
3
K
S
I
3
5
4
1
C
S
1
.
3T
R
T
1
.
3
K
S
I
3
5
4
1
C
S
2
.
3T
R
T
2
.
3
K
S
I
3
5
4
1
C
S
3
.
3T
R
T
3
3
K
S
I
3
5
4
1
C
S
Ordering Information
e
g
a
k
c
a
Pn
o
i
t
p
O
e
g
a
t
l
o
V
)
V
(
r
e
b
m
u
N
t
r
a
P
5
-
3
2
-
T
O
S
T
)
1
(
5
.
1R
T
5
.
1
K
S
T
I
3
5
4
1
C
S
8
.
1R
T
8
.
1
K
S
T
I
3
5
4
1
C
S
5
.
2R
T
5
.
2
K
S
T
I
3
5
4
1
C
S
7
.
2R
T
7
.
2
K
S
T
I
3
5
4
1
C
S
8
.
2R
T
8
.
2
K
S
T
I
3
5
4
1
C
S
5
8
.
2R
T
5
8
2
K
S
T
I
3
5
4
1
C
S
9
.
2R
T
9
.
2
K
S
T
I
3
5
4
1
C
S
0
.
3R
T
0
.
3
K
S
T
I
3
5
4
1
C
S
1
.
3R
T
1
.
3
K
S
T
I
3
5
4
1
C
S
2
.
3R
T
2
.
3
K
S
T
I
3
5
4
1
C
S
3
.
3R
T
3
.
3
K
S
T
I
3
5
4
1
C
S
e
e
r
f
-
d
a
e
L
5
-
3
2
-
T
O
S
T
)
2
(
)
1
(
5
.
1T
R
T
5
1
K
S
T
I
3
5
4
1
C
S
8
.
1T
R
T
8
1
K
S
T
I
3
5
4
1
C
S
5
.
2T
R
T
5
2
K
S
T
I
3
5
4
1
C
S
7
.
2T
R
T
7
2
K
S
T
I
3
5
4
1
C
S
8
.
2T
R
T
8
2
K
S
T
I
3
5
4
1
C
S
5
8
.
2T
R
T
5
8
2
K
S
T
3
5
4
1
C
S
9
.
2T
R
T
9
2
K
S
T
I
3
5
4
1
C
S
0
.
3T
R
T
0
3
K
S
T
I
3
5
4
1
C
S
1
.
3T
R
T
1
3
K
S
T
I
3
5
4
1
C
S
2
.
3T
R
T
2
3
K
S
T
I
3
5
4
1
C
S
3
.
3T
R
T
3
3
K
S
T
I
3
5
4
1
C
S
n
o
it
a
u
l
a
v
E
d
r
a
o
B
)
3
(
y
fi
c
e
p
SB
V
E
3
5
4
1
C
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com