Electronic Components Datasheet Search
  English  ▼

X  

SC1453 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC1453
Description  150mA Ultra Low Dropout Regulator with Low Noise Bypass
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1453 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC1453 Datasheet HTML 7Page - Semtech Corporation SC1453 Datasheet HTML 8Page - Semtech Corporation SC1453 Datasheet HTML 9Page - Semtech Corporation SC1453 Datasheet HTML 10Page - Semtech Corporation SC1453 Datasheet HTML 11Page - Semtech Corporation SC1453 Datasheet HTML 12Page - Semtech Corporation SC1453 Datasheet HTML 13Page - Semtech Corporation SC1453 Datasheet HTML 14Page - Semtech Corporation SC1453 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
15
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1453
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
P
(C)
Z
Y
G
.055
.141
.031
(.087)
.037
.024
0.80
(2.20)
0.95
0.60
1.40
3.60
X
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
Land Pattern - TSOT-23-5
Outline Drawing - TSOT-23-5
.110 BSC
.037 BSC
DETAIL
ccc C
2X N/2 TIPS
2X E/2
5
SEE DETAIL
A
.008
12
N
E
.060
.114
.063
.118
.012
-
5
A
0.20
1.60
3.00
2.80 BSC
0.95 BSC
.067
1.50
2.90
.020
0.30
1.70
0.50
-
L
(L1)
c
01
0.25
PLANE
GAGE
2.80
.110
0°
.010
-
.004
.012
.003
(.024)
.018
-
.028
.000
-
-
-
-
0.10
0.25
8°
0°
-
8°
-
(0.60)
0.45
.024
.008
0.30
0.08
.039
.035
.004
0.00
0.70
-
0.20
0.60
-
0.10
1.00
0.90
-
-
1.90 BSC
.075 BSC
SEATING
aaa C
bbb
C A-B D
A
bxN
A2
A1
D
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
-B-
NOTES:
1.
2.
-A-
-H-
SIDE VIEW
A
B
D
e1
e
C
H
PLANE
E1
REFERENCE JEDEC STD MO-193, VARIATION AB.
4.
NOM
INCHES
DIMENSIONS
L1
ccc
aaa
bbb
01
N
DIM
c
e
e1
L
E1
E
D
A1
A2
b
A
MIN
MILLIMETERS
MAX MIN NOM MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com