Electronic Components Datasheet Search
  English  ▼

X  

SC2443 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2443
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2443 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2443 Datasheet HTML 5Page - Semtech Corporation SC2443 Datasheet HTML 6Page - Semtech Corporation SC2443 Datasheet HTML 7Page - Semtech Corporation SC2443 Datasheet HTML 8Page - Semtech Corporation SC2443 Datasheet HTML 9Page - Semtech Corporation SC2443 Datasheet HTML 10Page - Semtech Corporation SC2443 Datasheet HTML 11Page - Semtech Corporation SC2443 Datasheet HTML 12Page - Semtech Corporation SC2443 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SC2443
9
Pin Descriptions
Pin #
Pin Name
Pin Function

IN-
Inverting Input of the Error Amplifier for the Step-down Controller .
2
COMP
The Error Amplifier Output for Step-down Controller .
3
SYNC
Edge-triggered Synchronization Input. When not synchronized, tie this pin to a voltage above .5V
or the ground. An external clock (frequency > frequency set with ROSC) at this pin synchronizes the
controllers.
4
AGND
Analog Signal Ground
5
REF
Buffered Output of the Internal 0.5V Reference. The non-inverting input of the error amplifier for the
step-down converter  is internally connected to this pin
6
REFIN
An external Reference voltage is applied to this pin.The non-inverting input of the error amplifier for
the step-down converter 2 is internally connected to this pin.
7
COMP2
The Error Amplifier Output for Step-down Controller 2.
8
IN2-
Inverting Input of the Error Amplifier for the Step-down Controller 2. Tie to AVCC for two-phase single
output applications.
9
CS2-
The Inverting Input of the Current-sense Amplifier/Comparator for the Controller 2.
0
CS2+
The Non-inverting Input of the Current-sense Amplifier/Comparator for the Controller 2.

SS2/EN2
An external capacitor tied to this pin sets (i) the soft-start time (ii) output overload latch off time for
step-down converter 2. Pulling this pin below 0.7V shuts off the gate drivers for the second controller.
Leave open for two-phase single output applications.
2
AVCC
Power Supply Voltage for the Analog Portion of the Controllers.
3
BST2
Bootstrapped Supply for the High-side Gate Drive 2.
4
GDH2
Gate Drive Output for the High-side N-channel MOSFET of Output 2.
5
GDL2
Gate Drive Output for the Low-side N-channel MOSFET of Output 2.
6
PGND
Ground Supply for All the Gate drivers.
7
PVCC
Power Supply Voltage for Low-side MOSFET Drivers.
8
GDL
Gate Drive Output for the Low-side N-channel MOSFET of Output .
9
GDH
Gate Drive Output for the High-side N-channel MOSFET of Output .
20
BST
Bootstrapped Supply for the High-side Gate Drive .
2
SS/EN
An external capacitor tied to this pin sets (i) the soft-start time (ii) output overload latch off time for
buck converter . Pulling this pin below 0.7V shuts off the gate drivers for the first controller.
22
CS+
The Non-inverting Input of the Current-sense Amplifier/Comparator for the Controller .
23
CS-
The Inverting Input of the Current-sense Amplifier/Comparator for the Controller 
24
ROSC
An external resistor connected from this pin to GND sets the oscillator frequency
THPAD
Solder to the Analog ground plane of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com