Electronic Components Datasheet Search
  English  ▼

X  

SC2443 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2443
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2443 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2443 Datasheet HTML 6Page - Semtech Corporation SC2443 Datasheet HTML 7Page - Semtech Corporation SC2443 Datasheet HTML 8Page - Semtech Corporation SC2443 Datasheet HTML 9Page - Semtech Corporation SC2443 Datasheet HTML 10Page - Semtech Corporation SC2443 Datasheet HTML 11Page - Semtech Corporation SC2443 Datasheet HTML 12Page - Semtech Corporation SC2443 Datasheet HTML 13Page - Semtech Corporation SC2443 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SC2443
0
SYNC
OSCILLATOR
EA1
SLOPE
COMP
+
110mV
ILIM+
CLK2
R
Q
S
OL
Soft-Start And
Overload
Hiccup
Control
UVLO
4.3/4.5V
Non-Overlapping
Conduction
Control
PWM
ROSC
IN1-
REF/IN1+
CS1+
CS1-
CLK1
-
-
+
REFERENCE
0.5V
+
ILIM-
ISEN
+
-
75mV
OCN
COMP2
IN2-
REFIN/IN2+
AGND
EA2
DSBL
AVCC
BST1
GDH1
PVCC
GDL1
SS1/EN1
COMP1
+
-
-
+
PGND
4
17
19
20
16
6
8
21
12
18
23
5
1
2
24
3
22
7
+
-
UVLO
-
-
+
+
+
0.72 VREFOUT
0.75 VREF
Block Diagram
Figure 1. SC2443 Block Diagram
SC2443 Block Diagram (Channel  PWM Control Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com