Electronic Components Datasheet Search
  English  ▼

X  

SC4215 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4215
Description  Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4215 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4215 Datasheet HTML 1Page - Semtech Corporation SC4215 Datasheet HTML 2Page - Semtech Corporation SC4215 Datasheet HTML 3Page - Semtech Corporation SC4215 Datasheet HTML 4Page - Semtech Corporation SC4215 Datasheet HTML 5Page - Semtech Corporation SC4215 Datasheet HTML 6Page - Semtech Corporation SC4215 Datasheet HTML 7Page - Semtech Corporation SC4215 Datasheet HTML 8Page - Semtech Corporation SC4215 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SC4215
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Dropout Voltage()(2)
V
DO
I
O =A
90
00
mV
400
I
O =.5A
200
400
500
I
O = 2A
V
IN =VO+ 0.5V
00
500
V
IN =VO+ 0.6V
600
Minimum Load Current()(4)
I
O
V
IN =VO+ 0.5V

10
µA
Current Limit(4)
I
CL
2.2

4.5
A
ADJ
Reference Voltage()
V
REF
V
IN = .V, VFB = VOUT , IO =0mA
0.792
0.8
0.808
V
0.784
0.816
Adjust Pin Current(4)
I
ADJ
V
ADJ = VREF
80
200
nA
Adjust Pin Threshold(5)
V
TH(ADJ)
0.05
0.6
0.40
V
EN
Enable Pin Current
I
EN
V
EN = 0V, VIN =.V
.5
10
µA
Enable Pin Threshold
V
IH
V
IN=.V
1.6
V
V
IL
0.4
Over Temperature Protection
High Trip Level
T
HI
60
O
C
Hysteresis
T
HYST
0
O
C
Electrical Characteristics (continued)
Notes:
() Low duty cycle pulse testing with Kelvin connections required.
(2) V
DO = VIN -VO when VO decreases by .5% of its nominal output voltage.
() Required to maintain regulation. Voltage set resistors R and R2 are usually utilized to meet this requirement. Adjustable mode only.
(4) Guaranteed by design.
(5) When V
ADJ exceeds this threshold, the “Sense Select” switch disconnects the internal feedback chain from the error amplifier and connects VADJ
instead.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com