Electronic Components Datasheet Search
  English  ▼

X  

SC4215 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4215
Description  Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4215 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4215 Datasheet HTML 1Page - Semtech Corporation SC4215 Datasheet HTML 2Page - Semtech Corporation SC4215 Datasheet HTML 3Page - Semtech Corporation SC4215 Datasheet HTML 4Page - Semtech Corporation SC4215 Datasheet HTML 5Page - Semtech Corporation SC4215 Datasheet HTML 6Page - Semtech Corporation SC4215 Datasheet HTML 7Page - Semtech Corporation SC4215 Datasheet HTML 8Page - Semtech Corporation SC4215 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SC4215

Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
() Tested according to JEDEC standard JESD22-A4-B.
(2) Calculated from package in still air, mounted to ” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD5 standards.
Absolute Maximum Ratings
VIN, EN, VO, ADJ to GND (V) . . . . . . . . . . . . . . . . . -0. to +7.0
Power Dissipation. . . . . . . . . . . . . . . . . . . . . Internally Limited
ESD Protection Level() (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6 < V
IN < 5.5
Ambient Temperature Range (°C). . . . . . . . . -40 < T
A < +85
Junction Temperature Range (°C). . . . . . . . . -40 <T
J < +25
Maximum Output Current (A) . . . . . . . . . . . . . . . . . . . . . . . . .2
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . 6
Thermal Resistance, Junction to Case(2) (°C/W). . . . . . . . 5.5
Maximum Junction Temperature (°C) . . . . . . . . . . . . . .+50
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +50
Peak IR Reflow Temperature (0s to 0s) (°C) . . . . . . +260
Unless specified: V
EN = VIN, VIN = .6V to 5.5V, IO = 0µA to 2A, TA = 25° C.
Values in bold apply over the full operating temperature range.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VIN
Quiescent Current
I
Q
V
IN = .V, IO = 0A
0.75
1.75
mA
V
IN = 5.5V, VEN =0V
0
50
µA
VO
Output Voltage()
V
O
V
IN= VO + 0.5V, IO = 0mA
-2%
V
O
+2%
V
(Fixed Voltage, V
ADJ = 0)
.60V ≤ V
IN ≤ 5.5V, IO = 0mA
-3%
+3%
Line Regulation()
REG
(LINE)
I
O =0mA
0.2
0.4
%/V
Load Regulation()
REG
(LOAD)
I
O =0mA to 2A
0.5
1.0
%
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com