Electronic Components Datasheet Search
  English  ▼

X  

SC1453EVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1453EVB
Description  150mA Ultra Low Dropout Regulator with Low Noise Bypass
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1453EVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1453EVB Datasheet HTML 6Page - Semtech Corporation SC1453EVB Datasheet HTML 7Page - Semtech Corporation SC1453EVB Datasheet HTML 8Page - Semtech Corporation SC1453EVB Datasheet HTML 9Page - Semtech Corporation SC1453EVB Datasheet HTML 10Page - Semtech Corporation SC1453EVB Datasheet HTML 11Page - Semtech Corporation SC1453EVB Datasheet HTML 12Page - Semtech Corporation SC1453EVB Datasheet HTML 13Page - Semtech Corporation SC1453EVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1453
Dropout Voltage vs. Junction Temperature
vs. Output Current
Dropout Voltage vs. Output Current
vs. Junction Temperature
Typical Characteristics (Cont.)
Bypass Start-up Rise Time vs. Junction Temperature
vs. Input Voltage
Enable Input Threshold Voltage vs. Junction
Temperature vs. Input Voltage
Reverse Battery Protection vs.
Junction Temperature
Output Spectral Noise Density vs. Frequency
vs. Output Voltage, C
OUT = 1µF
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
TJ (°C)
IOUT = 150mA
IOUT = 50mA
0
25
50
75
100
125
150
175
200
0
25
50
75
100
125
150
IOUT (mA)
Top to bottom:
TJ = 125°C
TJ = 25°C
TJ = -40°C
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-50
-25
0
25
50
75
100
125
TJ (°C)
CBYP = 10nF
VIN = 3.8V
VIN = 6.5V
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
TJ (°C)
VIH @ VIN = 6.5V
VIH @ VIN = 3.8V
VIL @ VIN = 6.5V
VIL @ VIN = 3.8V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VEN = -6.5V
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
VIN = VOUT + 1V
IOUT = 1mA
CIN = 1µF
CBYP = 10nF
TJ = 25°C
Top to bottom:
VOUT = 3.3V
VOUT = 3.0V
VOUT = 2.8V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com