Electronic Components Datasheet Search
  English  ▼

X  

SC1453EVB Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1453EVB
Description  150mA Ultra Low Dropout Regulator with Low Noise Bypass
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1453EVB Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1453EVB Datasheet HTML 7Page - Semtech Corporation SC1453EVB Datasheet HTML 8Page - Semtech Corporation SC1453EVB Datasheet HTML 9Page - Semtech Corporation SC1453EVB Datasheet HTML 10Page - Semtech Corporation SC1453EVB Datasheet HTML 11Page - Semtech Corporation SC1453EVB Datasheet HTML 12Page - Semtech Corporation SC1453EVB Datasheet HTML 13Page - Semtech Corporation SC1453EVB Datasheet HTML 14Page - Semtech Corporation SC1453EVB Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1453
Output Spectral Noise Density vs. Frequency
vs. Output Voltage, C
OUT = 100µF
Output Spectral Noise Density vs. Frequency
vs. Output Capacitance
Typical Characteristics (Cont.)
Output Spectral Noise Density vs. Frequency
vs. Bypass Capacitance
Output Spectral Noise Density vs. Frequency
vs. Output Current
Power Supply Rejection Ratio vs. Frequency
vs. Output Voltage, C
BYP = 10nF
Power Supply Rejection Ratio vs. Frequency
vs. Output Voltage, C
BYP = 100nF
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
VIN = VOUT + 1V
IOUT = 1mA
CIN = 1µF
CBYP = 10nF
TJ = 25°C
Top to bottom:
VOUT = 3.3V
VOUT = 3.0V
VOUT = 2.8V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
VOUT = 1.5V
VIN = 2.5V
IOUT = 1mA
CBYP = 10nF
CIN = 1µF
TJ = 25°C
Left to right:
COUT = 100µF
COUT = 44µF
COUT = 22µF
COUT = 10µF
COUT = 1µF
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
CBYP = 1nF
CBYP = 10nF
CBYP = 100nF
CBYP = 1µF
VOUT = 1.5V
VIN = 2.5V
IOUT = 1mA
CIN = 1µF
COUT = 1µF
TJ = 25°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
VOUT = 1.5V
VIN = 2.5V
CIN = 1µF
CBYP = 10nF
COUT = 1µF
TJ = 25°C
Top to bottom:
IOUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 1mA
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
f (kHz)
VIN = VOUT + 1V
CIN = COUT = 1µF
CBYP = 10nF
IOUT = 1mA
TJ = 25°C
Top to bottom:
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 2.8V
VOUT = 3.0V
VOUT = 3.3V
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
f (kHz)
VIN = VOUT + 1V
CIN = COUT = 1µF
CBYP = 100nF
IOUT = 1mA
TJ = 25°C
Top to bottom:
VOUT = 1.5V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 2.8V
VOUT = 3.0V
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com