Electronic Components Datasheet Search
  English  ▼

X  

AD8494 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8494
Description  Precision Thermocouple Amplifiers with Cold Junction Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8494 Datasheet(HTML) 4 Page - Analog Devices

  AD8494 Datasheet HTML 1Page - Analog Devices AD8494 Datasheet HTML 2Page - Analog Devices AD8494 Datasheet HTML 3Page - Analog Devices AD8494 Datasheet HTML 4Page - Analog Devices AD8494 Datasheet HTML 5Page - Analog Devices AD8494 Datasheet HTML 6Page - Analog Devices AD8494 Datasheet HTML 7Page - Analog Devices AD8494 Datasheet HTML 8Page - Analog Devices AD8494 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8494/AD8495/AD8496/AD8497
Rev. 0 | Page 4 of
16
A Grade
C Grade
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
TEMPERATURE RANGE (TA)
Specified Performance
AD8494/AD8495
0
50
0
50
°C
AD8496/AD8497
25
100
25
100
°C
Operational
−40
+125
−40
+125
°C
1 Ambient temperature rejection specifies the change in the output measurement (in °C) for a given change in temperature of the cold junction. For the AD8494 and
AD8495, ambient temperature rejection is defined as the slope of the line connecting errors calculated at 0°C and 50°C ambient temperature. For the AD8496 and
AD8497, ambient temperature rejection is defined as the slope of the line connecting errors calculated at 25°C and 100°C ambient temperature.
2 Error does not include thermocouple gain error or thermocouple nonlinearity.
3 With a 100 kΩ load, measurement junction temperatures beyond approximately 880°C for the AD8494 and AD8496 and beyond approximately 960°C for the AD8495
and AD8497 require supply voltages larger than 5 V or a negative voltage applied to the reference pin. Measurement junction temperatures below 5°C require either a
positive offset voltage applied to the reference pin or a negative supply.
4 Input stage uses PNP transistors, so bias current always flows out of the part.
5 Large output currents can increase the internal temperature rise of the part and contribute to cold junction compensation (CJC) error.
6 Unbalanced supplies can also be used. Care should be taken that the common-mode voltage of the thermocouple stays within the input voltage range of the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com