Electronic Components Datasheet Search
  English  ▼

X  

AD8494 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8494
Description  Precision Thermocouple Amplifiers with Cold Junction Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8494 Datasheet(HTML) 3 Page - Analog Devices

  AD8494 Datasheet HTML 1Page - Analog Devices AD8494 Datasheet HTML 2Page - Analog Devices AD8494 Datasheet HTML 3Page - Analog Devices AD8494 Datasheet HTML 4Page - Analog Devices AD8494 Datasheet HTML 5Page - Analog Devices AD8494 Datasheet HTML 6Page - Analog Devices AD8494 Datasheet HTML 7Page - Analog Devices AD8494 Datasheet HTML 8Page - Analog Devices AD8494 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8494/AD8495/AD8496/AD8497
Rev. 0 | Page 3 of
16
SPECIFICATIONS
+VS = 5 V, −VS = 0 V, V+IN = V−IN = 0 V, VREF = 0 V, TA = TRJ = 25°C, RL = 100 kΩ, unless otherwise noted. Specifications do not include
gain and offset errors of the thermocouple itself. TA is the ambient temperature at the AD849x; TRJ is the thermocouple reference junction
temperature; TMJ is the thermocouple measurement junction temperature.
Table 2.
A Grade
C Grade
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
TEMPERATURE ACCURACY
Initial Accuracy
AD8494/AD8495
TA = TRJ = TMJ = 25°C
3
1
°C
AD8496/AD8497
TA = TRJ = 60°C, TMJ = 175°C
3
1.5
°C
Ambient Temperature
Rejection1
AD8494/AD8495
TA = TRJ = 0°C to 50°C
0.05
0.025
°C/°C
AD8496/AD8497
TA = TRJ = 25°C to 100°C
0.05
0.025
°C/°C
Gain Error2, 3
VOUT = 0.125 V to 4.125 V
AD8494/AD8495
0.3
0.1
%
AD8496/AD8497
0.3
0.1
%
Transfer Function
5
5
mV/°C
INPUTS
Input Voltage Range
−VS – 0.2
+VS – 1.6
−VS – 0.2
+VS – 1.6
V
Overvoltage Range
+VS – 25
−VS + 25
+VS – 25
−VS + 25
V
Input Bias Current4
25
50
25
50
nA
Input Offset Current
1.5
0.5
nA
Common-Mode Rejection
VCM = 0 V to 3 V
1
0.3
°C/V
Power Supply Rejection
+VS = 2.7 V to 5 V
0.5
0.5
°C/V
NOISE
Voltage Noise
f = 0.1 Hz to 10 Hz, TA = 25°C
0.8
0.8
μV p-p
Voltage Noise Density
f = 1 kHz, TA = 25°C
32
32
nV/√Hz
Current Noise Density
f = 1 kHz, TA = 25°C
100
100
fA/√Hz
REFERENCE INPUT
Input Resistance
60
60
kΩ
Input Current
25
25
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Gain to Output
1
1
V/V
OUTPUT
Output Voltage Range
−VS + 0.025
+VS – 0.1
−VS + 0.025
+VS – 0.1
V
Short-Circuit Current5
7
7
mA
DYNAMIC RESPONSE
−3 dB Bandwidth
AD8494
30
30
kHz
AD8495/AD8497
25
25
kHz
AD8496
31
31
kHz
Settling Time to 0.1%
4 V output step
AD8494
36
36
μs
AD8495/AD8497
40
40
μs
AD8496
32
32
μs
POWER SUPPLY
Operating Voltage Range6
Single Supply
2.7
36
2.7
36
V
Dual Supply
±2.7
±18
±2.7
±18
V
Quiescent Current
180
250
180
250
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com