Electronic Components Datasheet Search
  English  ▼

X  

AD9963 Datasheet(PDF) 51 Page - Analog Devices

Part # AD9963
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963 Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9963 Datasheet HTML 47Page - Analog Devices AD9963 Datasheet HTML 48Page - Analog Devices AD9963 Datasheet HTML 49Page - Analog Devices AD9963 Datasheet HTML 50Page - Analog Devices AD9963 Datasheet HTML 51Page - Analog Devices AD9963 Datasheet HTML 52Page - Analog Devices AD9963 Datasheet HTML 53Page - Analog Devices AD9963 Datasheet HTML 54Page - Analog Devices AD9963 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
AD9961/AD9963
Rev. 0 | Page 51 of 60
Table 26 shows the operating modes vs. serial port configuration
bits.
Table 26. TRx Bus Operation via Serial Port
TXEN
RXEN
TRXD Bus
Direction
Tx Bus
Function
0
0
High-Z
High-Z
0
1
Rx
High-Z
1
0
Tx
High-Z
1
1
Rx
High-Z
Table 27 shows the operating modes of the TRXD bus as a
function of the TXnRX signal. The Tx bus is high impedance in
half-duplex mode.
Table 27. Rx Bus Operation via TXnRX Pin
TXnRX State
TRXD Bus
Direction
Tx Bus Function
0
Rx
High-Z
1
Tx
High-Z
The timing of the bus turnaround is shown in the Figure 83 and
Figure 84.
TRXIQ
HIGH-Z
HIGH-Z
TRXD[11:0]
tTXRDY
TXnRX
Figure 83. Half-Duplex Bus Turnaround, Rx to Tx
TRXIQ
HIGH-Z
HIGH-Z
TRXD[11:0]
tTXRDY
TXnRX
Figure 84. Half-Duplex Bus Turnaround, Tx to Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com