Electronic Components Datasheet Search
  English  ▼

X  

AD9963 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9963
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9963 Datasheet HTML 22Page - Analog Devices AD9963 Datasheet HTML 23Page - Analog Devices AD9963 Datasheet HTML 24Page - Analog Devices AD9963 Datasheet HTML 25Page - Analog Devices AD9963 Datasheet HTML 26Page - Analog Devices AD9963 Datasheet HTML 27Page - Analog Devices AD9963 Datasheet HTML 28Page - Analog Devices AD9963 Datasheet HTML 29Page - Analog Devices AD9963 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
AD9961/AD9963
Rev. 0 | Page 26 of 60
Register Name
Register
Address
Bit(s)
Parameter
Function
11: RXCLK is driven by the DLL output.
Note that the RXCLK signal is present on the TRXCLK pin with one
exception. In Half-Duplex 1-Clock mode, the RXCLK signal is present on
the TRXCLK pin when Rx is active, but the TXCLK signal appears on the
TRXCLK pin when TX is active.
3
RXCLK_INV
0: uses TRxCLKIO negative edge to drive out Rxdata.
1: uses TRxCLKIO positive edge to drive out Rxdata.
2
RXIQ_HILO
Data appears on the RXD bus sequentially but is sampled in the Rx path
in pairs. RXIQ_HILO selects how the RXIQ signal marks each data pair.
0: each data pair is marked by RXIQ being low then high.
1: each data pair is marked by RXIQ being high then low.
1
RX_IFIRST
The Rx path I and Q ADCs sample simultaneously producing a pair of
samples. Because the RXD bus is shared, the sampled I and Q data
appears on the TRXD bus sequentially. This bit determines the order of
the paired samples.
0: Q appears first on Rx path.
1: I appears first on Rx path.
0
RX_BNRY
0: twos complement on Tx path.
1: straight binary on Tx path.
FIFO Alignment
0x33
7
Unused
6
FIFO_INIT
1: FIFO read and write pointers are aligned after chip reset.
5
Aligned
1: FIFO read and write pointers aligned after frame input driven FIFO reset.
4
ALIGN_ACK
1: FIFO read and write pointers aligned after serial port driven FIFO reset.
3
ALIGN_REQ
1: request FIFO read and write pointers alignment via serial port.
2:0
FIFO_OFFSET[2:0]
Sets the FIFO read and write pointer phase offset following FIFO reset.
Normally this should be set to 4 to set the FIFFO to half full.
000 = 0.
001 = 1.
…
111 = 7.
FIFO Status
0x34
7:0
FIFO_LVL[7:0]
Indicator of the amount of valid data in the FIFO. Each one indicates a
latched input sample in the FIFO. Ideally, the eight deep FIFO should be
half full, indicating four latched input samples. The indicator is a
thermometer code that can wrap around from LSB to MSB. Some
examples follow:
00011110: indicates that FIFO is half full. The read pointer is 1 and the
write pointer is 5.
10000111: indicates the FIFO is half full. The read pointer is 3 and the
write pointer is 7.
00100000: indicates the FIFO has only one latched sample and is nearly
empty.
01111111: indicates the FIFO has seven latched samples and is nearly
over flowing.
Tx Scale P
0x35
7:5
Unused
4:0
SRRC_SCALE[4:0]
Value of 1.4 multiplier applied to both I and Q channels just after the
SRRC filter.
00000: multiply by 0.0.
00001: multiply by 0.0625.
…
11111: multiply by 1.9375.
Tx Scale 0
0x36
7:5
Unused
4:0
INT0_SCALE[4:0]
Value of 1.4 multiplier applied to both I and Q channels just after
Interpolation Filter 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com