Electronic Components Datasheet Search
  English  ▼

X  

ADG5413 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG5413
Description  High Voltage Latch-Up Proof, Quad SPST Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5413 Datasheet(HTML) 5 Page - Analog Devices

  ADG5413 Datasheet HTML 1Page - Analog Devices ADG5413 Datasheet HTML 2Page - Analog Devices ADG5413 Datasheet HTML 3Page - Analog Devices ADG5413 Datasheet HTML 4Page - Analog Devices ADG5413 Datasheet HTML 5Page - Analog Devices ADG5413 Datasheet HTML 6Page - Analog Devices ADG5413 Datasheet HTML 7Page - Analog Devices ADG5413 Datasheet HTML 8Page - Analog Devices ADG5413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADG5412/ADG5413
Rev. 0 | Page 5 of 20
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
Total Harmonic Distortion + Noise
0.007
% typ
RL = 1 kΩ, 20 V p-p, f = 20 Hz to
20 kHz; see Figure 28
−3 dB Bandwidth
160
MHz typ
RL = 50 Ω, CL = 5 pF;
see Figure 29
Insertion Loss
−0.6
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 29
CS (Off )
17
pF typ
VS = 0 V, f = 1 MHz
CD (Off )
17
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
60
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +22 V, VSS = −22 V
IDD
50
μA typ
Digital inputs = 0 V or VDD
70
110
μA max
ISS
0.001
μA typ
Digital inputs = 0 V or VDD
VDD/VSS
±9/±22
V min/V max
GND = 0 V
1 Guaranteed by design; not subject to production test.
12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 3.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
19
Ω typ
VS = 0 V to 10 V, IS = −10 mA;
see Figure 24
22
27
31
Ω max
VDD = 10.8 V, VSS = 0 V
On-Resistance Match Between Channels,
∆RON
0.4
Ω typ
VS = 0 V to 10 V, IS = −10 mA
0.8
1
1.2
Ω max
On-Resistance Flatness, RFLAT (ON)
4.4
Ω typ
VS = 0 V to 10 V, IS = −10 mA
5.5
6.5
7.5
Ω max
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off )
±0.05
nA typ
VS = 1 V/10 V, VD = 10 V/1 V;
see Figure 27
±0.25
±0.75
±3.5
nA max
Drain Off Leakage, ID (Off )
±0.05
nA typ
VS = 1 V/10 V, VD = 10 V/1 V;
see Figure 27
±0.25
±0.75
±3.5
nA max
Channel On Leakage, ID (On), IS (On)
±0.1
nA typ
VS = VD = 1 V/10 V; see
Figure 23
±0.4
±2
±12
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
2.5
pF typ
DYNAMIC CHARACTERISTICS1
tON
225
ns typ
RL = 300 Ω, CL = 35 pF
296
358
403
ns max
VS = 8 V; see Figure 31
tOFF
150
ns typ
RL = 300 Ω, CL = 35 pF
187
222
247
ns max
VS = 8 V; see Figure 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com