Electronic Components Datasheet Search
  English  ▼

X  

ADG5413 Datasheet(PDF) 19 Page - Analog Devices

Part # ADG5413
Description  High Voltage Latch-Up Proof, Quad SPST Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5413 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADG5413 Datasheet HTML 12Page - Analog Devices ADG5413 Datasheet HTML 13Page - Analog Devices ADG5413 Datasheet HTML 14Page - Analog Devices ADG5413 Datasheet HTML 15Page - Analog Devices ADG5413 Datasheet HTML 16Page - Analog Devices ADG5413 Datasheet HTML 17Page - Analog Devices ADG5413 Datasheet HTML 18Page - Analog Devices ADG5413 Datasheet HTML 19Page - Analog Devices ADG5413 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADG5412/ADG5413
Rev. 0 | Page 19 of 20
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 34. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
2.70
2.60 SQ
2.50
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGC.
1
0.65
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
0.45
0.40
0.35
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.35
0.30
0.25
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 35. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Very Thin Quad
(CP-16-17)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADG5412BRUZ
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG5412BRUZ-REEL7
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG5412BCPZ-REEL7
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-16-17
ADG5413BRUZ
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG5413BRUZ-REEL7
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG5413BCPZ-REEL7
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-16-17
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com