Electronic Components Datasheet Search
  English  ▼

X  

DS3231M Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # DS3231M
Description  짹5ppm, I2C Real-Time Clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231M Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button DS3231M Datasheet HTML 12Page - Maxim Integrated Products DS3231M Datasheet HTML 13Page - Maxim Integrated Products DS3231M Datasheet HTML 14Page - Maxim Integrated Products DS3231M Datasheet HTML 15Page - Maxim Integrated Products DS3231M Datasheet HTML 16Page - Maxim Integrated Products DS3231M Datasheet HTML 17Page - Maxim Integrated Products DS3231M Datasheet HTML 18Page - Maxim Integrated Products DS3231M Datasheet HTML 19Page - Maxim Integrated Products DS3231M Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
±5ppm, I2C Real-Time Clock
18
reads data with ACK or NACK as applicable, and
generates a STOP condition. See Figure 6 for a read
example using the repeated START condition to
specify the starting memory location.
Reading Multiple Bytes from a Slave: The read
operation can be used to read multiple bytes with a
single transfer. When reading bytes from the slave,
the master simply ACKs the data byte if it desires to
read another byte before terminating the transaction.
After the master reads the last byte it must NACK to
indicate the end of the transfer and then it generates
a STOP condition.
Applications Information
Power-Supply Decoupling
To achieve the best results when using the DS3231M,
decouple the VCC and/or VBAT power supplies with
0.1FF and/or 1.0FF capacitors. Use a high-quality,
ceramic, surface-mount capacitor if possible. Surface-
mount components minimize lead inductance, which
improves performance, and ceramic capacitors tend to
have adequate high-frequency response for decoupling
applications.
If communications during battery operation are not
required, the VBAT decoupling capacitor can be omitted.
Using Open-Drain Outputs
The 32KHZ and INT/SQW outputs are open drain and
therefore require external pullup resistors to realize logic-
high output levels. Pullup resistor values between 1kI
and 10MI are typical.
The RST output is also open drain, but is provided with
an internal 50kI pullup resistor (RPU) to VCC. External
pullup resistors should not be added.
SDA and SCL Pullup Resistors
SDA is an open-drain output and requires an external
pullup resistor to realize a logic-high level.
Because the device does not use clock cycle stretching,
a master using either an open-drain output with a pullup
resistor or CMOS output driver (push-pull) could be used
for SCL.
Battery Charge Protection
The device contains Maxim’s redundant battery-charge
protection circuit to prevent any charging of the external
battery.
Figure 9. I2C Transactions
SLAVE
ADDRESS
START
START
1
1
0
1
0
0
0
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
R/W
MSB
LSB
MSB
LSB
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
READ/
WRITE
REGISTER ADDRESS
b7
b6
b5
b4
b3
b2
b1
b0
DATA
STOP
SINGLE BYTE WRITE
-WRITE CONTROL REGISTER
TO 44h
MULTIBYTE WRITE
-WRITE DATE REGISTER
TO "02" AND MONTH
REGISTER TO "11"
SINGLE BYTE READ
-READ CONTROL REGISTER
MULTIBYTE READ
-READ ALARM 2 HOURS
AND DATE VALUES
START
REPEATED
START
D1h
MASTER
NACK
STOP
1 1 0 1 0 0 0 0
0 0 0 0 1 1 1 0
0Eh
1 1 0 1 0 0 0 1
1 1 0 1 0 0 0 0
0 0 0 0 1 1 1 0
D0h
0Eh
STOP
VALUE
START 1 1 0 1 0 0 0 0
0 0 0 0 0 1 0 0
D0h
04h
DATA
MASTER
NACK
STOP
VALUE
DATA
02h
44h
EXAMPLE I2C TRANSACTIONS
TYPICAL I2C WRITE TRANSACTION
0 1 0 0 0 1 0 0
0 0 0 0 0 0 1 0
D0h
A)
C)
B)
D)
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
REPEATED
START
D1h
MASTER
ACK
1 1 0 1 0 0 0 1
VALUE
DATA
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
START 1 1 0 1 0 0 0 0
0 0 0 0 1 1 0 0
D0h
0Ch
SLAVE
ACK
SLAVE
ACK
STOP
11h
0 0 0 1 0 0 0 1
SLAVE
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com