Electronic Components Datasheet Search
  English  ▼

X  

DS3231M Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3231M
Description  짹5ppm, I2C Real-Time Clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231M Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3231M Datasheet HTML 1Page - Maxim Integrated Products DS3231M Datasheet HTML 2Page - Maxim Integrated Products DS3231M Datasheet HTML 3Page - Maxim Integrated Products DS3231M Datasheet HTML 4Page - Maxim Integrated Products DS3231M Datasheet HTML 5Page - Maxim Integrated Products DS3231M Datasheet HTML 6Page - Maxim Integrated Products DS3231M Datasheet HTML 7Page - Maxim Integrated Products DS3231M Datasheet HTML 8Page - Maxim Integrated Products DS3231M Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
±5ppm, I2C Real-Time Clock
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Voltage Range on Any Pin Relative to GND ........-0.3V to +6.0V
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -55NC to +125NC
Lead Temperature (soldering, 10s) ................................+260NC
Soldering Temperature (reflow) ......................................+260NC
RECOMMENDED OPERATING CONDITIONS
(TA = -40NC to +85NC, unless otherwise noted.) (Note 1)
ELECTRICAL CHARACTERISTICS—FREQUENCY AND TIMEKEEPING
(VCC or VBAT = +3.3V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = +3.3V, VBAT = +3.0V, and
TA = +25NC, unless otherwise noted.)
DC ELECTRICAL CHARACTERISTICS—GENERAL
(VCC = +2.3V to +5.5V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = +3.3V, VBAT = +3.0V, and TA =
+25NC, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
2.3
3.3
5.5
V
VBAT
2.3
3.0
5.5
Logic 1
VIH
0.7 x
VCC
VCC +
0.3
V
Logic 0
VIL
-0.3
0.3 x
VCC
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
1Hz Frequency Tolerance
D
f/fOUT
Measured over R 10s interval
Q
5
ppm
1Hz Frequency Stability vs. VCC
Voltage
D
f/V
Q
1
ppm/V
Timekeeping Accuracy
tKA
Q
0.432
Seconds/
Day
32kHz Frequency Tolerance
D
f/fOUT
Q
2.5
%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Active Supply Current
(I2C Active: Includes
Temperature Conversion Current)
ICCA
VCC = +3.63V
200
µA
VCC = VCCMAX
300
Standby Supply Current
(I2C Inactive: Includes
Temperature Conversion Current)
ICCS
VCC = +3.63V
130
µA
VCC = VCCMAX
200
Temperature Conversion Current
(I2C Inactive)
ICCSCONV
VCC = +3.63V
575
µA
VCC = VCCMAX
650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com