Electronic Components Datasheet Search
  English  ▼

X  

2SC5538 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5538
Description  VHF to UHF OSC, High-Frequency Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5538 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5538 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5538 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5538 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5538 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5538
No.6291–2/4
Cre -- VCB
3
2
7
7
0.1
1.0
5
3
2
0.1
1.0
23
23
5
7
23
5
7
7
10
1.0
23
5
7
23
5
7
7
10
10
7
5
7
5
3
2
2
1.0
f T -- IC
0
0.2
0.4
0.6
1.2
0.8
1.0
32
28
24
20
16
12
8
4
0
IC -- VBE
3
2
1.0
0.1
7
7
3
2
5
0.1
23
5
7
7
1.0
23
2
3
57
10
Cob -- VCB
35
30
25
20
10
15
5
0
10
24
6
8
9
13
5
7
0
IC -- VCE
7
5
3
7
5
100
3
2
1.0
10
100
hFE -- IC
2
4
6
8
10
12
0
1.0
57
10
100
23
57
72
3
IT01319
14
NF -- IC
10
8
6
4
2
0
1.0
7
10
100
23
5
7
23
5
7
35
VCE=3V
f=1GHz
VCE=3V
f=1GHz
VCE=3V
f=1GHz
f=1MHz
f=1MHz
IB=0
20
µA
40
µA
80
µA
100
µA
120µA
140µA
160µA
180µA
200µA
60
µA
IT01312
IT01313
IT01314
IT01315
IT01316
IT01318
IT01317
2
3
57
2
3
57
72
35
VCE=3V
VCE=3V
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC –mA
Collector Current, IC –mA
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector Current, IC –mA
S21e2 -- IC
Collector Current, IC –mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com