Electronic Components Datasheet Search
  English  ▼

X  

2SC5538 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5538
Description  VHF to UHF OSC, High-Frequency Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5538 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5538 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5538 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5538 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5538 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5538
No.6291–3/4
S Parameters (Common emitter)
VCE=1V, IC=3mA, ZO=50Ω
VCE=3V, IC=7mA, ZO=50Ω
120
100
80
60
20
40
0
100
20
120
140
40
160
60
80
0
PC -- Ta
IT01320
Ambient Temperature, Ta –
°C
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
14
7
8
.
06
.
0
4
–7
2
6
.
83
.
2
5
12
6
0
.
09
.
7
68
1
9
.
04
.
3
2
–
0
0
25
8
7
.
06
.
1
7
–4
7
8
.
65
.
2
3
11
0
1
.
01
.
2
58
4
7
.
07
.
1
4
–
0
0
41
5
6
.
08
.
4
1
1
–1
0
7
.
43
.
7
0
15
3
1
.
01
.
7
37
3
5
.
06
.
7
5
–
0
0
63
1
6
.
09
.
6
3
1
–5
6
3
.
38
.
2
92
5
1
.
01
.
1
30
3
4
.
06
.
5
6
–
0
0
81
8
5
.
09
.
3
5
1
–6
1
7
.
29
.
1
85
5
1
.
09
.
9
21
6
3
.
03
.
4
7
–
0
0
0
18
6
5
.
02
.
4
6
1
–8
1
2
.
24
.
3
71
6
1
.
00
.
0
36
2
3
.
02
.
0
8
–
0
0
2
16
5
5
.
00
.
2
7
1
–3
6
8
.
12
.
6
60
7
1
.
05
.
0
30
0
3
.
01
.
6
8
–
0
0
4
13
6
5
.
01
.
8
7
1
–6
2
6
.
16
.
9
57
7
1
.
07
.
2
37
9
2
.
03
.
2
9
–
0
0
6
18
5
5
.
04
.
5
7
13
7
4
.
19
.
3
55
8
1
.
04
.
5
36
0
3
.
05
.
6
9
–
0
0
8
10
6
5
.
09
.
8
6
15
4
3
.
11
.
8
46
9
1
.
04
.
7
33
1
3
.
06
.
0
0
1
–
0
0
0
27
6
5
.
01
.
3
6
10
3
2
.
15
.
2
45
0
2
.
00
.
8
35
3
3
.
09
.
2
0
1
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
19
8
7
.
03
.
8
4
–2
3
2
.
6
17
.
7
4
19
3
0
.
01
.
6
62
6
8
.
02
.
7
2
–
0
0
20
7
6
.
07
.
3
8
–1
3
4
.
2
14
.
6
2
11
6
0
.
00
.
3
53
7
6
.
06
.
4
4
–
0
0
42
5
5
.
08
.
3
2
1
–7
0
6
.
77
.
4
0
11
8
0
.
02
.
5
48
3
4
.
01
.
9
5
–
0
0
62
2
5
.
03
.
5
4
1
–1
0
4
.
57
.
2
94
9
0
.
09
.
5
43
3
3
.
01
.
5
6
–
0
0
84
0
5
.
05
.
8
5
1
–5
5
1
.
41
.
4
86
0
1
.
02
.
8
40
9
2
.
07
.
8
6
–
0
0
0
18
8
4
.
01
.
9
6
1
–5
2
4
.
31
.
7
71
2
1
.
01
.
9
40
7
2
.
00
.
1
7
–
0
0
2
18
7
4
.
01
.
6
7
1
–9
4
8
.
20
.
1
76
3
1
.
00
.
1
53
5
2
.
07
.
4
7
–
0
0
4
11
8
4
.
04
.
8
7
11
1
5
.
26
.
5
62
5
1
.
02
.
2
59
3
2
.
06
.
9
7
–
0
0
6
18
7
4
.
07
.
2
7
17
3
2
.
27
.
0
67
6
1
.
08
.
2
50
4
2
.
08
.
2
8
–
0
0
8
12
9
4
.
04
.
7
6
16
1
0
.
25
.
5
55
8
1
.
02
.
3
55
4
2
.
07
.
6
8
–
0
0
0
29
8
4
.
00
.
2
6
14
4
8
.
15
.
0
50
0
2
.
07
.
2
58
4
2
.
00
.
0
9
–



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com