Electronic Components Datasheet Search
  English  ▼

X  

MAX11209 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11209
Description  18-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11209 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11209 Datasheet HTML 1Page - Maxim Integrated Products MAX11209 Datasheet HTML 2Page - Maxim Integrated Products MAX11209 Datasheet HTML 3Page - Maxim Integrated Products MAX11209 Datasheet HTML 4Page - Maxim Integrated Products MAX11209 Datasheet HTML 5Page - Maxim Integrated Products MAX11209 Datasheet HTML 6Page - Maxim Integrated Products MAX11209 Datasheet HTML 7Page - Maxim Integrated Products MAX11209 Datasheet HTML 8Page - Maxim Integrated Products MAX11209 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2 ______________________________________________________________________________________
18-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Any Pin to GND ....................................................-0.3V to +3.9V
AVDD to GND.......................................................-0.3V to +3.9V
DVDD to GND ......................................................-0.3V to +3.9V
Analog Inputs (AINP, AINN, REFP, REFN)
to GND ............................................. -0.3V to (VAVDD + 0.3V)
Digital Inputs and Digital Outputs
to GND ............................................. -0.3V to (VDVDD + 0.3V)
ESDHB (AVDD, AINP, AINN, REFP, REFN, DVDD, CLK, CS,
SCLK, DIN, RDY/DOUT, GND, GPIO_) ........... Q2kV (Note 1)
Continuous Power Dissipation (TA = +70NC)
16-Pin QSOP (derate 8.3mW/NC above +70NC)..........667mW
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -55NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(VAVDD = +3.6V, VDVDD = +1.7V, VREFP - VREFN = VAVDD; internal clock, single-cycle mode (SCYCLE = 1), TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25NC under normal conditions, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
Note 1: Human Body Model to specification MIL-STD-883 Method 3015.7.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE
Noise-Free Resolution (Notes 2, 3)
NFR
120sps
18
Bits
10sps
18
Noise (Notes 2, 3)
VN
120sps
2.1
F
VRMS
10sps
0.55
Integral Nonlinearity
INL
At 10sps (Note 4)
-15
+15
ppmFSR
Zero Error
After self and system calibration,
VREFP - VREFN = 2.5V
-15
+15
ppmFSR
Zero Drift
50
nV/NC
Full-Scale Error
After self and system calibration,
VREFP - VREFN = 2.5V (Note 5)
-20
+20
ppmFSR
Full-Scale Error Drift
0.05
ppmFSR/
N
C
Power-Supply Rejection
AVDD DC rejection
70
80
dB
DVDD DC rejection
90
100
ANALOG INPUTS/REFERENCE INPUTS
Common-Mode Rejection
CMR
DC rejection
90
123
dB
50Hz/60Hz rejection at 120sps
90
50Hz/60Hz rejection at 1sps to 15sps
144
Normal-Mode 50Hz Rejection
NMR50 LINEF = 1, for 1sps to 15sps (Notes 6, 7)
100
144
dB
Normal-Mode 60Hz Rejection
NMR60 LINEF = 0, for 1sps to 15sps (Notes 6, 7)
100
144
dB
Common-Mode Voltage Range
AIN buffers disabled
VGND
VAVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com