Electronic Components Datasheet Search
  English  ▼

X  

AT25DF081A Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081A Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT25DF081A Datasheet HTML 21Page - ATMEL Corporation AT25DF081A Datasheet HTML 22Page - ATMEL Corporation AT25DF081A Datasheet HTML 23Page - ATMEL Corporation AT25DF081A Datasheet HTML 24Page - ATMEL Corporation AT25DF081A Datasheet HTML 25Page - ATMEL Corporation AT25DF081A Datasheet HTML 26Page - ATMEL Corporation AT25DF081A Datasheet HTML 27Page - ATMEL Corporation AT25DF081A Datasheet HTML 28Page - ATMEL Corporation AT25DF081A Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
25
8715B–SFLSH–8/10
Atmel AT25DF081A [Preliminary]
10.
Security Commands
10.1
Sector Lockdown
Certain applications require that portions of the Flash memory array be permanently protected against malicious
attempts at altering program code, data modules, security information, or encryption/decryption algorithms, keys,
and routines. To address these applications, the device incorporates a sector lockdown mechanism that allows any
combination of individual 64-Kbyte sectors to be permanently locked so that they become read only. Once a sector
is locked down, it can never be erased or programmed again, and it can never be unlocked from the locked down
state.
Each 64-Kbyte physical sector has a corresponding single-bit Sector Lockdown Register that is used to control the
lockdown status of that sector. These registers are nonvolatile and will retain their state even after a device power-
cycle or reset operation. The following table outlines the two states of the Sector Lockdown Registers.
Issuing the Sector Lockdown command to a particular sector address will set the corresponding Sector Lockdown
Register to the logical “1” state. Each Sector Lockdown Register can only be set once; therefore, once set to the
logical “1” state, a Sector Lockdown Register cannot be reset back to the logical “0” state.
Before the Sector Lockdown command can be issued, the Write Enable command must have been previously
issued to set the WEL bit in the Status Register to a logical “1”. In addition, the Sector Lockdown Enabled (SLE) bit
in the Status Register must have also been previously set to the logical “1” state by using the Write Status Register
Byte 2 command (see “Write Status Register Byte 2” on page 36). To issue the Sector Lockdown command, the
CS pin must first be asserted and the opcode of 33h must be clocked into the device followed by three address
bytes designating any address within the 64-Kbyte sector to be locked down. After the three address bytes have
been clocked in, a confirmation byte of D0h must also be clocked in immediately following the three address bytes.
Any additional data clocked into the device after the first byte of data will be ignored. When the CS pin is deas-
serted, the Sector Lockdown Register corresponding to the sector addressed by A23-A0 will be set to the logical
“1” state, and the sector itself will then be permanently locked down from program and erase operations within a
time of t
LOCK. In addition, the WEL bit in the Status Register will be reset back to the logical “0” state.
The complete three address bytes and the correct confirmation byte value of D0h must be clocked into the device
before the CS pin is deasserted, and the CS pin must be deasserted on an even byte boundary (multiples of eight
bits); otherwise, the device will abort the operation. When the device aborts the Sector Lockdown operation, the
state of the corresponding Sector Lockdown Register as well as the SLE bit in the Status Register will be
unchanged; however, the WEL bit in the Status Register will be reset to a logical “0”.
As a safeguard against accidental or erroneous locking down of sectors, the Sector Lockdown command can be
enabled and disabled as needed by using the SLE bit in the Status Register. In addition, the current sector lock-
down state can be frozen so that no further modifications to the Sector Lockdown Registers can be made (see
“Freeze Sector Lockdown State” below). If the Sector Lockdown command is disabled or if the sector lockdown
state is frozen, then any attempts to issue the Sector Lockdown command will be ignored, and the device will reset
the WEL bit in the Status Register back to a logical “0” and return to the idle state once the CS pin has been
deasserted.
Table 10-1.
Sector Lockdown Register Values
Value
Sector Lockdown Status
0
Sector is not locked down and can be programmed and erased. This is the default state.
1
Sector is permanently locked down and can never be programmed or erased again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com