Electronic Components Datasheet Search
  English  ▼

X  

AT25DF081A Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081A Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT25DF081A Datasheet HTML 41Page - ATMEL Corporation AT25DF081A Datasheet HTML 42Page - ATMEL Corporation AT25DF081A Datasheet HTML 43Page - ATMEL Corporation AT25DF081A Datasheet HTML 44Page - ATMEL Corporation AT25DF081A Datasheet HTML 45Page - ATMEL Corporation AT25DF081A Datasheet HTML 46Page - ATMEL Corporation AT25DF081A Datasheet HTML 47Page - ATMEL Corporation AT25DF081A Datasheet HTML 48Page - ATMEL Corporation AT25DF081A Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
45
8715B–SFLSH–8/10
Atmel AT25DF081A [Preliminary]
14.6
Program and Erase Characteristics
Notes:
1. Maximum values indicate worst-case performance after 100,000 erase/program cycles
2. Not 100% tested (value guaranteed by design and characterization)
14.7
Power-up Conditions
14.8
Input Test Waveforms and Measurement Levels
14.9
Output Test Load
Symbol
Parameter
Min
Typ
Max
Units
t
PP
(1)
Page Program Time (256-Bytes)
1.0
3.0
ms
t
BP
Byte Program Time
7
µs
t
BLKE
(1)
Block Erase Time
4-Kbytes
50
200
ms
32-Kbytes
250
600
64-Kbytes
400
950
t
CHPE
(1)(2)
Chip Erase Time
16
28
sec
t
OTPP
(1)
OTP Security Register Program Time
200
500
µs
t
WRSR
(2)
Write Status Register Time
200
ns
Symbol
Parameter
Min
Max
Units
t
VCSL
Minimum V
CC to Chip Select Low Time
100
µs
t
PUW
Power-up Device Delay Before Program or Erase Allowed
10
ms
V
POR
Power-on Reset Voltage
1.5
2.5
V
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.1V
CC
V
CC/2
0.9V
CC
tR, tF < 2 ns (10% to 90%)
DEVICE
UNDER
TEST
15pF (frequencies above 70MHz)
or
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com