Electronic Components Datasheet Search
  English  ▼

X  

PT2212 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT2212
Description  Infrared Remote Control Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2212 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT2212 Datasheet HTML 7Page - Princeton Technology Corp PT2212 Datasheet HTML 8Page - Princeton Technology Corp PT2212 Datasheet HTML 9Page - Princeton Technology Corp PT2212 Datasheet HTML 10Page - Princeton Technology Corp PT2212 Datasheet HTML 11Page - Princeton Technology Corp PT2212 Datasheet HTML 12Page - Princeton Technology Corp PT2212 Datasheet HTML 13Page - Princeton Technology Corp PT2212 Datasheet HTML 14Page - Princeton Technology Corp PT2212 Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2212 V1.1
- 11 -
May, 2007
Infrared Remote Control Transmitter
PT2212
It is highly recommended that the following notes must be strictly observed in the preparation of the
reception software:
• System Code
The 8-bit system code is transmitted twice. Therefore, you must decode both codes to be
identical.
• Data Code
The 8-bit data code is transmitted simultaneously with its inversion code. Therefore, you must
decode the data code and its inversion code and never fail to check their integrity.
SYSTEM CODE LATCH CIRCUIT
There are 8 kinds of system code that can be selected by wiring the SEL pin to any one of the output
pins-KO0 ~ KO7. The fourth bit of the system code (S3) is set to “1”, S4 to S7 bits are “0”. Please refer
to the table and diagram below.
KO connected to SEL
System Code (S2 S1 S0)
KO0
000
KO1
001
KO2
010
KO3
011
KO4
100
KO5
101
KO6
110
KO7
111
Following is the system code selection diagram.
Notes:
1. S0, S1, S2 = 010
2. System Code = 01010000 (S0 to S7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com