Electronic Components Datasheet Search
  English  ▼

X  

PT2212 Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # PT2212
Description  Infrared Remote Control Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2212 Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button PT2212 Datasheet HTML 8Page - Princeton Technology Corp PT2212 Datasheet HTML 9Page - Princeton Technology Corp PT2212 Datasheet HTML 10Page - Princeton Technology Corp PT2212 Datasheet HTML 11Page - Princeton Technology Corp PT2212 Datasheet HTML 12Page - Princeton Technology Corp PT2212 Datasheet HTML 13Page - Princeton Technology Corp PT2212 Datasheet HTML 14Page - Princeton Technology Corp PT2212 Datasheet HTML 15Page - Princeton Technology Corp PT2212 Datasheet HTML 16Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2212 V1.1
- 12 -
May, 2007
Infrared Remote Control Transmitter
PT2212
ABSOLUTE MAXIMUM RATING
(Unless otherwise specified, Ta=25℃)
Parameter
Symbol
Rating
Unit
Power supply voltage
VDD
-0.3 ~ 5.0
V
Input voltage
VIN
VSS-0.3 ~ VDD+0.3
V
Operating temperature
Topr
-40 ~ +85
℃
Storage temperature
Tstg
-65 ~ +150
℃
ELECTRICAL CHARACTERISTIC
(Unless otherwise specified, VDD=3.0V, Ta=25℃)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Operating power supply
VDD
All Functions
2.0
-
4.0
V
Oscillation frequency
fosc
VDD=3V
C=100pF
400
455
600
KHz
Operating power supply
current
IDD
fosc=455KHz
VDD=3V
-
-
1
mA
Stand-by current
ISB
VDD=3V
fosc=stop
-
-
1
uA
High level input voltage
VIH(KI)
VDD=3V
0.7VDD
-
VDD
V
Low level input voltage
VIL(KI)
VDD=3V
0
-
0.3VDD
V
Pull down resistance
Ron (KI)
VDD=3V
100
300
500
KΩ
High level output current
IOH
(DOUT)
VOH=1.5V
VDD=3V
-10
-
-
mA
Low level output current
IOL (LMP)
VOL=1.5V
VDD=3V
5
-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com