Electronic Components Datasheet Search
  English  ▼

X  

PT2248 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2248
Description  Infrared Remote Control Transmitter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2248 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT2248 Datasheet HTML 2Page - Princeton Technology Corp PT2248 Datasheet HTML 3Page - Princeton Technology Corp PT2248 Datasheet HTML 4Page - Princeton Technology Corp PT2248 Datasheet HTML 5Page - Princeton Technology Corp PT2248 Datasheet HTML 6Page - Princeton Technology Corp PT2248 Datasheet HTML 7Page - Princeton Technology Corp PT2248 Datasheet HTML 8Page - Princeton Technology Corp PT2248 Datasheet HTML 9Page - Princeton Technology Corp PT2248 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2248 V2.7
- 6 -
June, 2005
Infrared Remote Control Transmitter
PT2248
DATA CODE
Data
Data
Key
No.
H
S1
S2
D1
D2
D3
D4
D5
D6
Output
Form
Key
No.
H
S1
S2
D1
D2
D3
D4
D5
D6
Output
Form
1
1
0
0
1
0
0
0
0
0
Continuous
10
0
1
0
0
0
0
1
0
0
Single-Shot
2
1
0
0
0
1
0
0
0
0
Continuous
11
0
1
0
0
0
0
0
1
0
Single-Shot
3
1
0
0
0
0
1
0
0
0
Continuous
12
0
1
0
0
0
0
0
0
1
Single-Shot
4
1
0
0
0
0
0
1
0
0
Continuous
13
0
0
1
1
0
0
0
0
0
Single-Shot
5
1
0
0
0
0
0
0
1
0
Continuous
14
0
0
1
0
1
0
00
0
0
Single-Shot
6
1
0
0
0
0
0
0
0
1
Continuous
15
0
0
1
0
0
1
0
0
0
Single-Shot
7
0
1
0
1
0
0
0
0
0
Single-Shot
16
0
0
1
0
0
0
1
0
0
Single-Shot
8
0
1
0
0
1
0
0
0
0
Single-Shot
17
0
0
1
0
0
0
0
1
0
Single-Shot
9
0
1
0
0
0
1
0
0
0
Single-Shot
18
0
0
1
0
0
0
0
0
2
Single-Shot
Since multiple keying is possible, Key No. 1 ~ 6 (in combination with D1 ~ D6 data) are capable of
sending out 63 commands. Key No. 7 ~ 18 are single-shot keys capable of sending out 12 commands.
Thus, a total of 75 commands can result from a combination of continuous keys (multiple keying) and
single-shot keys.
CODE BITS (C1, C2 AND C3)
Code bits can be made at one terminal with diodes connected through T1 ~ T3 timing terminals.
Data of C1, C2 and C3 Code Bits become “1” when diodes are connected to CODE Terminal through
the timing signal terminals -- T1 ~ T3, and “0” when diodes are not connected.
CO D E
T3
(C3 )
T2
(C2 )
T1
(C1 )
In the diagram above: C1, C2 and C3 are 1, 1, and 1 data respectively.
PT2248 has three (3) Code Bits. The receiving IC -- PT 2249A Series (DIP 16 Pins) can only use C2
and C3 Code Bits, while PT 2250A Series (DIP 24 Pins) are able to use only C1 and C2 Code Bits.
Therefore, diodes must be connected so that PT2248 Code Bits Data match with that of the receiving
IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com