Electronic Components Datasheet Search
  English  ▼

X  

PT2248 Datasheet(PDF) 14 Page - Princeton Technology Corp

Part # PT2248
Description  Infrared Remote Control Transmitter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2248 Datasheet(HTML) 14 Page - Princeton Technology Corp

Back Button PT2248 Datasheet HTML 10Page - Princeton Technology Corp PT2248 Datasheet HTML 11Page - Princeton Technology Corp PT2248 Datasheet HTML 12Page - Princeton Technology Corp PT2248 Datasheet HTML 13Page - Princeton Technology Corp PT2248 Datasheet HTML 14Page - Princeton Technology Corp PT2248 Datasheet HTML 15Page - Princeton Technology Corp PT2248 Datasheet HTML 16Page - Princeton Technology Corp PT2248 Datasheet HTML 17Page - Princeton Technology Corp PT2248 Datasheet HTML 18Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2248 V2.7
- 14 -
June, 2005
Infrared Remote Control Transmitter
PT2248
Symbol
Min.
Nom.
Max.
A
-
-
0.210
A1
0.015
-
-
A2
0.115
0.130
0.195
b
0.014
0.018
0.022
b1
0.014
0.018
0.020
b2
0.045
0.060
0.070
b3
0.030
0.039
0.045
c
0.008
0.010
0.014
c1
0.008
0.010
0.011
D
0.780
0.790
0.800
D1
0.005
-
-
E
0.300
0.310
0.325
E1
0.240
0.250
0.280
e
0.100 BSC.
eA
0.300 BSC.
eB
-
-
0.430
eC
0.000
-
0.060
L
0.115
0.130
0.150
Notes:
1.
All dimensions are in INCHES.
2.
Dimensioning and tolerancing per ANSI Y14.5M-1982.
3.
Dimensions “A”, “A1” and “L” are measured with the package seated in JEDEC Seating Plane
Gauge GS-3.
4.
“D”, “D1” and “E1” dimensions do not include mold flash or protrusions. Mold flash or
protrusions shall not exceed 0.010 inch.
5.
“E” and “eA” measured with the leads constrained to be perpendicular to datum -c-.
“eB” and “eC” are measured at the lead tips with the loads unconstrained.
6.
“N” is the number of terminal positions. (N=16)
7.
Pointed or rounded lead tips are preferred to ease insertion.
8.
“b2” and “b3” maximum dimensions are not include dambar protrusions. Dambar protrusions
shall not exceed 0.010 inch (0.25 mm).
9.
Distance between leads including Dambar protrusions to be 0.005 inch minimum.
10. Datum plane -H- coincident with the bottom of lead, where lead exits body.
11. Refer to JEDEC MS-001 Variation AB.
JEDEC is the trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com