Electronic Components Datasheet Search
  English  ▼

X  

PT2270 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2270
Description  Remote Control Decoder IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2270 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2270 Datasheet HTML 1Page - Princeton Technology Corp PT2270 Datasheet HTML 2Page - Princeton Technology Corp PT2270 Datasheet HTML 3Page - Princeton Technology Corp PT2270 Datasheet HTML 4Page - Princeton Technology Corp PT2270 Datasheet HTML 5Page - Princeton Technology Corp PT2270 Datasheet HTML 6Page - Princeton Technology Corp PT2270 Datasheet HTML 7Page - Princeton Technology Corp PT2270 Datasheet HTML 8Page - Princeton Technology Corp PT2270 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2270 V1.3
- 1 -
May, 2006
Remote Control Decoder IC
PT2270
DESCRIPTION
PT2270 is a remote control decoder paired with PT2260 or PT2262 utilizing CMOS Technology. It has
12-bit of tri-state address pins providing a maximum of 531,441 (or 312) address codes; thereby
drastically reducing any code collision and unauthorized code scanning possibilities. PT2270 is
available in several options to suit every application needs: variable number of data output pins, latch
or momentary output type.
When paired with PT2260, this encoder/decoder (PT2260 / PT2270) pair can operate at very wide
temperature range (-40℃ ~ +85℃). See also PT2260 Product Specification Features. Thus, this very
important feature enables your Encoder/Decoder to operate under the worst environmental condition.
FEATURES
• CMOS technology
• Low power consumption
• Very high noise immunity
• Up to 12 Tri-State code address pins
• Up to 6 data pins
• Operating voltage: VCC=2 ~ 10V
• Single resistor oscillator
• Latch or momentary output type
APPLICATIONS
• Car security system
• Garage door controller
• Remote control fan
• Home security/Automation system
• Remote control toys
• Remote control for industrial use


Similar Part No. - PT2270

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
Remote Control Decoder
PT2270-L2 PTC-PT2270-L2 Datasheet
284Kb / 4P
Remote Control Decoder
PT2270-L2-S PTC-PT2270-L2-S Datasheet
284Kb / 4P
Remote Control Decoder
PT2270-L3 PTC-PT2270-L3 Datasheet
284Kb / 4P
Remote Control Decoder
PT2270-L3-S PTC-PT2270-L3-S Datasheet
284Kb / 4P
Remote Control Decoder
More results

Similar Description - PT2270

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
Infrared remote control decoder
1996 Sep 13
logo
Princeton Technology Co...
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
Remote Control Decoder
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
Remote Control Decoder?
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
Remote Control Decoder?
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
Remote Control Decoder IC
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
REMOTE CONTROL DECODER PAIRED
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
Remote Control Decoder
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
Remote Control Decoder IC
April, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com